データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

TC1303B-FN3EUN データシート(PDF) 9 Page - Microchip Technology

部品番号. TC1303B-FN3EUN
部品情報  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
ダウンロード  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo 

TC1303B-FN3EUN Datasheet(HTML) 9 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21949A-page 9
TC1303B
Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN =4.7 µF, COUT2 =1 µF, L =4.7 µH,
VOUT1 (ADJ) = 1.8V, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed
output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-7:
VOUT1 Output Efficiency vs.
IOUT1 (VOUT1 = 1.8V).
FIGURE 2-8:
VOUT1 Output Efficiency vs.
Input Voltage (VOUT1 = 3.3V).
FIGURE 2-9:
VOUT1 Output Efficiency vs.
IOUT1 (VOUT1 = 3.3V).
FIGURE 2-10:
VOUT1 vs. IOUT1
(VOUT1 = 1.2V).
FIGURE 2-11:
VOUT1 vs. IOUT1
(VOUT1 = 1.8V).
FIGURE 2-12:
VOUT1 vs. IOUT1
(VOUT1 = 3.3V).
75
80
85
90
95
100
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
SHDN1 = VIN2
SHDN2 = AGND
VIN = 3.0V
VIN = 4.2V
VIN = 3.6V
80
84
88
92
96
100
3.60
3.92
4.23
4.55
4.87
5.18
5.50
Input Voltage (V)
IOUT1 = 100 mA
IOUT1 = 250 mA
IOUT1 = 500 mA
SHDN1 = VIN2
SHDN2 = AGND
60
65
70
75
80
85
90
95
100
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
VIN1 = 5.5V
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 4.2V
VIN1 = 3.6V
1.19
1.194
1.198
1.202
1.206
1.21
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 3.6V
1.79
1.795
1.8
1.805
1.81
1.815
1.82
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 3.6V
3.2
3.24
3.28
3.32
3.36
3.4
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 4.2V


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
NCV4269_075.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output 1 2 3 4 5 MoreON Semiconductor
NCV4279_055.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output 1 2 3 4 5 MoreON Semiconductor
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
XC9508Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
XC9510_1Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
XC9511Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
MCP1601500 mA Synchronous BUCK Regulator 1 2 3 4 5 MoreMicrochip Technology
ISL6412_07Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit 1 2 3 4 5 MoreIntersil Corporation

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn