データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1566 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TEA1566
部品情報  GreenChip; SMPS module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1566 データシート(HTML) 6 Page - NXP Semiconductors

Back Button TEA1566 Datasheet HTML 2Page - NXP Semiconductors TEA1566 Datasheet HTML 3Page - NXP Semiconductors TEA1566 Datasheet HTML 4Page - NXP Semiconductors TEA1566 Datasheet HTML 5Page - NXP Semiconductors TEA1566 Datasheet HTML 6Page - NXP Semiconductors TEA1566 Datasheet HTML 7Page - NXP Semiconductors TEA1566 Datasheet HTML 8Page - NXP Semiconductors TEA1566 Datasheet HTML 9Page - NXP Semiconductors TEA1566 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1999 Apr 20
6
Philips Semiconductors
Preliminary specification
GreenChip
™; SMPS module
TEA1566
Reference
All reference voltages are derived from a temperature
compensated, on-chip, band gap. The band gap reference
voltage is also used, together with an external resistor
connected at pin Iref, to generate accurate, temperature
independent, bias currents in the chip:
[A]
The frequency of the controller is also set by the reference
resistor Rref (also see Section “Oscillator”).
Sample and hold
GreenChip
™ ICs employ voltage mode feedback for
regulating the output voltage. In primary feedback mode, a
novel sample and hold circuit is used. The sample and
hold circuit works by sampling the current into pin Dem,
which is related to the output voltage via Rdem, during the
time that the secondary current is flowing:
a
× V
out =Iref × Rdem +Vdem+ where:
Vdem+ is specified in chapter “Characteristics”
a = a constant determined by turn ratio of the
transformer.
This sampled current information is stored on the external
capacitor connected to pin Vctrl. The pulse width
modulator uses this voltage information to set the duty
cycle of operation for the power MOSFET. In secondary
feedback, the feedback voltage is provided by an
opto-coupler.
Pulse width modulator
The pulse width modulator, which is made up of an
inverting error amplifier and a comparator (see Fig.2),
drives the power MOSFET with a duty cycle which is
inversely proportional to the voltage on pin Vctrl.
In primary feedback mode, this is the voltage on the
sample and hold capacitor and in secondary feedback
mode, this voltage is provided by an opto-coupler. A signal
from the oscillator sets a latch that turns on the power
MOSFET. The latch is reset by the signal from the pulse
width modulator or by the duty cycle limiting circuit.
The latching PWM mode of operation prevents multiple
switching of the power switch. The maximum duty cycle is
set internally at 80%.
Figure 7 shows the normal switching operation of the IC.
I
REF
V
REF
R
REF
--------------
=
Oscillator
The oscillator is used to set the switching duty cycle by
comparing the oscillator ramp to the output of the error
amplifier in the pulse width modulator circuit.The oscillator
is fully integrated and works by charging and discharging
an internal capacitor between two voltage levels to create
a sawtooth waveform with a rising edge which is 80% of
the oscillator cycle. This ratio is used to set a maximum
switching duty cycle of 80% for the IC. The oscillator is
internally trimmed to 5% accuracy. The oscillator
frequency can be adjusted between 50 to 100 kHz
(see symbol fosc-h-range in Chapter “Characteristics”) by
changing the external reference resistor (see symbol Rref
in Chapter “Characteristics”) that sets the chip bias
currents. This gives additional flexibility to the power
supply designer in the choice of his system
components.The frequency is correlated with the value of
the reference resistor Rref (see Fig.6).
In Chapter “Characteristics” fosc-typical, fosc-l and fosc-h and
the Rref operating resistor range are specified.
Fig.6 Frequency as function of the RREF value.
handbook, halfpage
10
20
30
40
110
90
50
30
70
MGR936
RREF (kΩ)
high
frequency
(kHz)
55
45
25
15
35
low
frequency
(kHz)
(2)
(1)
(1) High frequency mode.
(2) Low frequency mode.


同様の部品番号 - TEA1566

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1501 PHILIPS-TEA1501 Datasheet
116Kb / 20P
   Greeny; GreenChip
1998 Aug 19
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AP PHILIPS-TEA1506AP Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AT PHILIPS-TEA1506AT Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
More results

同様の説明 - TEA1566

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1705 NXP-TEA1705 Datasheet
116Kb / 11P
   GreenChip SMPS transient controller
Rev. 2-12 December 2013
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com