データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1610T データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TEA1610T
部品情報  Zero-voltage-switching resonant converter controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1610T データシート(HTML) 9 Page - NXP Semiconductors

Back Button TEA1610T Datasheet HTML 5Page - NXP Semiconductors TEA1610T Datasheet HTML 6Page - NXP Semiconductors TEA1610T Datasheet HTML 7Page - NXP Semiconductors TEA1610T Datasheet HTML 8Page - NXP Semiconductors TEA1610T Datasheet HTML 9Page - NXP Semiconductors TEA1610T Datasheet HTML 10Page - NXP Semiconductors TEA1610T Datasheet HTML 11Page - NXP Semiconductors TEA1610T Datasheet HTML 12Page - NXP Semiconductors TEA1610T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2001 Apr 25
9
Philips Semiconductors
Product specification
Zero-voltage-switching
resonant converter controller
TEA1610P; TEA1610T
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); all voltages are referred to the ground pins
which must be interconnected externally; positive currents flow into the IC.
Notes
1. Human body model class 2: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
2. Machine model class 2: equivalent to discharging a 200 pF capacitor through a 0.75
µH coil and 10 Ω resistor.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Voltages
VSH
high side driver voltage
0
600
V
VDD
supply voltage
0
14
V
VI+
amplifier non-inverting input voltage
0
5
V
VI−
amplifier inverting input voltage
0
5
V
VSD
shut-down input voltage
0
5
V
Currents
IIFS
oscillator falling slope input current
1mA
IIRS
oscillator rising slope input current
1mA
IREF
VREF source current
−−2mA
Power and temperature
Ptot
total power dissipation
Tamb <70 °C
0.8
W
Tamb
ambient temperature
operating
−25
+70
°C
Tstg
storage temperature
−25
+150
°C
Handling
VES
electrostatic handling voltage
note 1
2000
V
note 2
200
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
100
K/W
Rth(j-pin)
thermal resistance from junction to pin
50
K/W


同様の部品番号 - TEA1610T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1610T NXP-TEA1610T Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
More results

同様の説明 - TEA1610T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1612T NXP-TEA1612T Datasheet
116Kb / 19P
   Zero voltage switching resonant converter controller
Rev. 01-24 September 2009
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
TEA1611T NXP-TEA1611T Datasheet
109Kb / 18P
   Zero voltage switching resonant converter controller
Rev. 01-7 September 2009
logo
Texas Instruments
SLUA159 TI-SLUA159 Datasheet
794Kb / 28P
[Old version datasheet]   Zero Voltage Switching Resonant Power Conversion
logo
STMicroelectronics
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
   High voltage resonant controller
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
logo
STMicroelectronics
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
   High-voltage resonant controller
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
   HIGH VOLTAGE RESONANT CONTROLLER
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
   High-voltage resonant controller
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
   High-voltage resonant controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com