データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5392G データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 1N5392G
部品情報  1.5 AMPS. Glass Passivated Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5392G データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N5392G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5392G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 312 -
1N5391G THRU 1N5399G
1.5 AMPS. Glass Passivated Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.5 Amperes
Features
a Low forward voltage drop
a High current capability
a High reliability
a High surge current capability
Mechanical Data
a
Cases: Molded plastic
a
Epoxy: UL 94V-0 rate flame retardant
a
Lead: Axial leads, solderable per MIL-STD-
Lead: 202, Method 208 guaranteed
a
Polarity: Color band denotes cathode end
a
High temperature soldering guaranteed:
250°C/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
a Weight: 0.40 gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
1N
5391G
1N
5392G
1N
5393G
1N
5395G
1N
5397G
1N
5398G
1N
5399G
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length @TA = 60°C
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
50
A
Maximum Instantaneous Forward Voltage
@1.5A
1.1
1.0
V
Maximum DC Reverse Current @ TA=25°C
at Rated DC Blocking Voltage @ TA=125°C
5.0
100
uA
uA
Typical Junction Capacitance ( Note )
30
pF
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 150
°C
Note: Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.


同様の部品番号 - 1N5392G

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
1N5392G RECTRON-1N5392G Datasheet
1,000Kb / 5P
   GLASS PASSIVATED RECTIFIER
logo
Shanghai Lunsure Electr...
1N5392G CHENYI-1N5392G Datasheet
177Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Chongqing Pingwei Enter...
1N5392G CHONGQING-1N5392G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Diode Semiconductor Kor...
1N5392G DSK-1N5392G Datasheet
280Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
1N5392G SAMYANG-1N5392G Datasheet
397Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

同様の説明 - 1N5392G

メーカー部品番号データシート部品情報
logo
DIYI Electronic Technol...
1N5391G DYELEC-1N5391G Datasheet
694Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
1N5391G LUGUANG-1N5391G Datasheet
94Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1N5391G TSC-1N5391G_1 Datasheet
226Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
1N5391G TSC-1N5391G_10 Datasheet
482Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
1N5391G JGD-1N5391G Datasheet
131Kb / 2P
   1.5 AMPS . GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Foster Semicon...
DB151G FOSTER-DB151G Datasheet
1Mb / 3P
   1.5 Amps Glass passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
FR151G TSC-FR151G_10 Datasheet
434Kb / 2P
   1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
HER151G JGD-HER151G Datasheet
164Kb / 2P
   1.5 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_1 Datasheet
247Kb / 2P
   1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com