データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA5757H データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TEA5757H
部品情報  Self Tuned Radio STR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5757H データシート(HTML) 8 Page - NXP Semiconductors

Back Button TEA5757H Datasheet HTML 4Page - NXP Semiconductors TEA5757H Datasheet HTML 5Page - NXP Semiconductors TEA5757H Datasheet HTML 6Page - NXP Semiconductors TEA5757H Datasheet HTML 7Page - NXP Semiconductors TEA5757H Datasheet HTML 8Page - NXP Semiconductors TEA5757H Datasheet HTML 9Page - NXP Semiconductors TEA5757H Datasheet HTML 10Page - NXP Semiconductors TEA5757H Datasheet HTML 11Page - NXP Semiconductors TEA5757H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1999 Aug 26
8
Philips Semiconductors
Product specification
Self Tuned Radio (STR)
TEA5757; TEA5759
Description of the bus
The TEA5757; TEA5759 radio has a bus which consists of
three wires, as shown in Table 1.
Table 1
Bus signals
These three signals, together with the mono/stereo pin
(MO/ST; pin 24), communicate with the microcontroller.
The mono/stereo indicator has two functions, which are
controlled by the BUS-CLOCK, as shown in Table 2.
Table 2
Bus-clock functions
The TEA5757; TEA5759 has a 25-bit shift register;
see Table 3 for an explanation of the shift register bits.
If in search mode no transmitter can be found, all
frequency bits of the shift register are set to logic 0.
The bus protocol is depicted in Figs 3 and 4.
SIGNAL
DESCRIPTION
PIN
BUS-CLOCK
software driven clock input
27
DATA
data input/output
28
WRITE-ENABLE write/read input
29
BUS-CLOCK
MO/ST (PIN 24)
RESULT
LOW
LOW
stereo
LOW
HIGH
mono
HIGH
LOW
tuned
HIGH
HIGH
not tuned
Table 3
Explanation of the shift register bits
Note
1. The output pins 30 and 31 can drive currents up to 5 mA; bits P0.19 and P1.18 control the output voltage of the
control pins P0 (pin 30) and P1 (pin 31):
a) Bit P0.19 LOW sets P0 (pin 30) to LOW.
b) Bit P0.19 HIGH sets P0 (pin 30) to HIGH.
c) Bit P1.18 LOW sets P1 (pin 31) to LOW.
d) Bit P1.18 HIGH sets P1 (pin 31) to HIGH.
BIT
DESCRIPTION
LOGIC
STATE
RESULT
S.24 (MSB)
search start/end
0
after a search when a station is found or after a preset
1
during the search action
D.23
search up/down
0
indicates if the radio has to search down
1
indicates if the radio has to search up
M.22
mono/stereo
0
stereo is allowed
1
mono is required (radio switched to forced mono)
B0.21
band
see Table 4 selects FM/MW/LW/SW band
B1.20
P0.19
port
note 1
user programmable bits which e.g. can be used as band
switch driver
P1.18
S0.17
search-level of station
see Table 5 determines the locking field strength during an
automatic search, automatic store or manual search
S1.16
15
dummy
buffer
F.14 to F.0 (LSB)
frequency
determine the tuning frequency of the radio; see Table 6
for the bit values


同様の部品番号 - TEA5757H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA5757HL PHILIPS-TEA5757HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
More results

同様の説明 - TEA5757H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA5762 PHILIPS-TEA5762 Datasheet
171Kb / 32P
   Self Tuned Radio STR
1999 Aug 04
TEA5757HL PHILIPS-TEA5757HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
logo
National Semiconductor ...
LM1863 NSC-LM1863 Datasheet
268Kb / 14P
   AM Radio System for Electronically Tuned Radios
logo
SHENZHEN FUMAN ELECTRON...
TC9088 FUMAN-TC9088 Datasheet
233Kb / 6P
   Single-chip electrically tuned FM radio IC
logo
American Accurate Compo...
JXWBSJ-T-2000-4000-50D AAC-JXWBSJ-T-2000-4000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
   Varactor-Tuned Oscillators
logo
American Accurate Compo...
JXWBSJ-T-500-1000-50D AAC-JXWBSJ-T-500-1000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-1000-2000-50D AAC-JXWBSJ-T-1000-2000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-4000-8000-50D AAC-JXWBSJ-T-4000-8000-50D Datasheet
61Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-8000-18000-60D AAC-JXWBSJ-T-8000-18000-60D Datasheet
60Kb / 1P
   Electrically Tuned Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com