データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA5759H データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TEA5759H
部品情報  Self Tuned Radio STR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5759H データシート(HTML) 7 Page - NXP Semiconductors

Back Button TEA5759H Datasheet HTML 3Page - NXP Semiconductors TEA5759H Datasheet HTML 4Page - NXP Semiconductors TEA5759H Datasheet HTML 5Page - NXP Semiconductors TEA5759H Datasheet HTML 6Page - NXP Semiconductors TEA5759H Datasheet HTML 7Page - NXP Semiconductors TEA5759H Datasheet HTML 8Page - NXP Semiconductors TEA5759H Datasheet HTML 9Page - NXP Semiconductors TEA5759H Datasheet HTML 10Page - NXP Semiconductors TEA5759H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
1999 Aug 26
7
Philips Semiconductors
Product specification
Self Tuned Radio (STR)
TEA5757; TEA5759
FUNCTIONAL DESCRIPTION
The TEA5757; TEA5759 is an integrated AM/FM stereo
radio circuit including digital tuning and control functions.
The radio
The AM circuit incorporates a double balanced mixer,
a one-pin low-voltage oscillator (up to 30 MHz) and is
designed for distributed selectivity.
The AM input is designed to be connected to the top of
a tuned circuit. AGC controls the IF amplification and for
large signals it lowers the input impedance of the
AM front-end.
The first AM selectivity can be an IF-Tank (IFT) as well as
an IFT combined with a ceramic filter; the second one is
an IFT.
The FM circuit incorporates a tuned RF stage, a double
balanced mixer, a one-pin oscillator and is designed for
distributed IF ceramic filters. The FM quadrature detector
uses a ceramic resonator (or LC).
The PLL stereo decoder incorporates a signal dependent
stereo-blend circuit and a soft-mute circuit.
Tuning
The tuning concept of the Self Tuned Radio (STR) is
based on FUZZY LOGIC: it mimics hand tuning (hand
tuning is a combination of coarse and fine tuning to the
qualitatively best frequency position). As a consequence
the tuning system is very fast.
The tuning algorithm, which is controlled by the sequential
circuit (see Fig.1), is completely integrated; so there are
only a few external components needed.
The bus and the microcontroller can be kept very simple.
The bus only consists of three wires (BUS-CLOCK, DATA
and WRITE-ENABLE). The microcontroller must basically
give two instructions:
• Preset operation
• Search operation.
PRESET OPERATION
In preset mode, the microcontroller has to load information
such as frequency band, frequency and mono/stereo. This
information has to be sent via the bus to the STR.
The internal algorithm controls the tuning sequence as
follows:
1. The information is loaded into the shift register, the
last-station memory and the counter.
2. The Automatic Frequency Control (AFC) is
switched off.
3. The counter starts counting the frequency and the
tuning voltage is varied until the desired frequency
roughly equals the real frequency.
4. The AFC is then switched on and the counter is
switched off.
5. The real frequency is more precisely tuned to the
desired frequency.
After the AFC has tuned the real frequency to the desired
frequency an in-lock signal can be generated. In order to
get a reliable in-lock signal, there are two parameters
measured: the field strength and the S-curve. The field
strength indicates the strength of the station and by
looking at the S-curve the system can distinguish false
in-locks from real in-locks (false in-locks occur on the
wrong slope of the S-curve).
In the event of fading or pulling the in-lock signal becomes
logic 0 and the synthesizer will be switched on again and
the algorithm will be repeated.
SEARCH OPERATION
During a search operation, the only action the
microcontroller has to take is: sending the desired band
plus the direction and the search sensitivity level to the
STR. The search operation is performed by the charge
pump until an in-lock signal is generated (combination of
measuring the field strength and the S-curve). The AFC
then fine tunes to the station. The frequency belonging to
the found station will be counted by the counter and written
into the last-station memory and the shift register of the
counter. At this time the frequency is available in the shift
register and can be read by the microcontroller.
The microcontroller decides whether the frequency is
within the desired frequency band. If so, this frequency can
be stored under a preset and if not, a new search action
should be started.
To ensure that the search function operates correctly
under all conditions the following search sequence must
be applied:
• Store the current frequency in the memory
• Issue the search command
• Wait for data valid and read the new frequency
• If the new frequency is the same as the stored
frequency, issue a pre-set step (e.g. 50 kHz) and start
the search sequence again.


同様の部品番号 - TEA5759H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA5759HL PHILIPS-TEA5759HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
More results

同様の説明 - TEA5759H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA5762 PHILIPS-TEA5762 Datasheet
171Kb / 32P
   Self Tuned Radio STR
1999 Aug 04
TEA5757HL PHILIPS-TEA5757HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
logo
National Semiconductor ...
LM1863 NSC-LM1863 Datasheet
268Kb / 14P
   AM Radio System for Electronically Tuned Radios
logo
SHENZHEN FUMAN ELECTRON...
TC9088 FUMAN-TC9088 Datasheet
233Kb / 6P
   Single-chip electrically tuned FM radio IC
logo
American Accurate Compo...
JXWBSJ-T-2000-4000-50D AAC-JXWBSJ-T-2000-4000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
   Varactor-Tuned Oscillators
logo
American Accurate Compo...
JXWBSJ-T-500-1000-50D AAC-JXWBSJ-T-500-1000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-1000-2000-50D AAC-JXWBSJ-T-1000-2000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-4000-8000-50D AAC-JXWBSJ-T-4000-8000-50D Datasheet
61Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-8000-18000-60D AAC-JXWBSJ-T-8000-18000-60D Datasheet
60Kb / 1P
   Electrically Tuned Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com