データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA6101T データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TEA6101T
部品情報  Antenna diversity circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6101T データシート(HTML) 8 Page - NXP Semiconductors

Back Button TEA6101T Datasheet HTML 4Page - NXP Semiconductors TEA6101T Datasheet HTML 5Page - NXP Semiconductors TEA6101T Datasheet HTML 6Page - NXP Semiconductors TEA6101T Datasheet HTML 7Page - NXP Semiconductors TEA6101T Datasheet HTML 8Page - NXP Semiconductors TEA6101T Datasheet HTML 9Page - NXP Semiconductors TEA6101T Datasheet HTML 10Page - NXP Semiconductors TEA6101T Datasheet HTML 11Page - NXP Semiconductors TEA6101T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
May 1992
8
Philips Semiconductors
Objective specification
Antenna diversity circuit
TEA6101/T
AC CHARACTERISTICS
VP = 8.5 V; Tamb = 25 °C; unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Mute
SOFT MUTE (VL)
ZI
input impedance (pin 3 (3))
20
k
MR
mute range
note 1
17
19.3
V
Vaud/VI
mute gain
VL = 2.75 V
2.7
dB
VL = 1.45 V
−1
0.6
2
dB
HARD MUTE (V
MUTE)
Vmute
−60 dB output attenuation
455
mV
+Im
mute ON sink current
Vmute = 1 V, VL = 0 V
370
−µA
−I
m
mute `OFF` source current
Vmute = 0 V
3
−−µA
THD
total harmonic distortion
Vi = 200 mV; VL = 2.5 V
0.09
%
VI(p-p)
audio input voltage
(peak-to-peak value)
THD
> 10%
3
V
(S+N)/N
signal-to-noise ratio; measured with
dB(A) curve
Vaud = 600 mV; 1 kHz;
VL = 3 V
95
dB
Vaud/Vp
ripple rejection
note 2; 300 Hz; 100 mV;
VL = 2.5 V
28
32
dB
Vref
output reference voltage
5.3
V
Voff1
audio comparator offset voltage
Voff1 = Vmin − Vap
with priority
+250
mV
with no priority
Vt = 0 V
−−1100
mV
Vt = 3 V
−−348
mV
Level comparator
Vref−Vil
voltage for high comparator output
56
mV
t
monostable multivibrator time
period
started with both
comparator outputs HIGH
16
21
28
µs
Timing/memory
−I
t
source current
30
−µA
Ct
value delay capacitor
−−
50
nF
Tt
timing duration
Ct = 47 nF
6
ms
+It
reset current
Vt = 3 V
17.7
mA
Vt
change of priority antenna
3.7
V
Antenna switch outputs
−Ios
output source current
−−
7mA
+Ios
output sink current
−−
7mA


同様の部品番号 - TEA6101T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6100 PHILIPS-TEA6100 Datasheet
513Kb / 27P
   FM/IF system and microcomputer-based tuning interface
August 1987
More results

同様の説明 - TEA6101T

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
C-1513430 TEC-C-1513430 Datasheet
181Kb / 2P
   802.11b Diversity Antenna
logo
KEC(Korea Electronics)
KIA2039FN KEC-KIA2039FN Datasheet
319Kb / 14P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FM ANTENNA DIVERSITY IC)
logo
Sanyo Semicon Device
LA1060 SANYO-LA1060 Datasheet
388Kb / 8P
   Antenna Switching Diversity Circuit for Car-Use FM Tuners
logo
TE Connectivity Ltd
C-1513431 TEC-C-1513431 Datasheet
188Kb / 2P
   802.11b Diversity Antenna Fabrication Drawing
logo
Panasonic Semiconductor
AN7299S PANASONIC-AN7299S Datasheet
42Kb / 4P
   Antenna diversity IC for car TV
logo
Pulse A Technitrol Comp...
W3031 PULSE-W3031 Datasheet
1Mb / 3P
   850 MHz RX Diversity Ceramic Antenna
W3028 PULSE-W3028 Datasheet
1Mb / 3P
   1.8 GHz RX Diversity Ceramic Antenna
W3029 PULSE-W3029 Datasheet
1Mb / 3P
   1.9 GHz RX Diversity Ceramic Antenna
W3030 PULSE-W3030 Datasheet
1Mb / 3P
   2.1 GHz RX Diversity Ceramic Antenna
W3032 PULSE-W3032 Datasheet
1Mb / 3P
   900 MHz RX Diversity Ceramic Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com