データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA6300 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 TEA6300
部品情報  Sound fader control circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6300 データシート(HTML) 10 Page - NXP Semiconductors

Back Button TEA6300 Datasheet HTML 6Page - NXP Semiconductors TEA6300 Datasheet HTML 7Page - NXP Semiconductors TEA6300 Datasheet HTML 8Page - NXP Semiconductors TEA6300 Datasheet HTML 9Page - NXP Semiconductors TEA6300 Datasheet HTML 10Page - NXP Semiconductors TEA6300 Datasheet HTML 11Page - NXP Semiconductors TEA6300 Datasheet HTML 12Page - NXP Semiconductors TEA6300 Datasheet HTML 13Page - NXP Semiconductors TEA6300 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
May 1990
10
Philips Semiconductors
Product specification
Sound fader control circuit
TEA6300
TEA6300T
circuit. Signal-to-noise ratios exclude noise contribution of the power amplifier.
2. Signal-to-noise ratios on a CCIR 468-2 average meter reading are 4,5 dB better than on CCIR 468-2 quasi peak.
I2C-BUS FORMAT
If more than 1 byte of DATA is transmitted, then auto-increment of the subaddress is performed.
Table 1
I2C-bus; subaddress/data
S
SLAVE ADDRESS
A
SUBADDRESS
A
DATA
A
P
S
=
start condition
SUBADDRESS
=
see Table 1
SLAVE ADDRESS
=
1000 0000
DATA
=
see Table 1
A
=
acknowledge, generated by the slave
P
=
STOP condition
FUNCTION
SUBADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
volume left
0 0 0 0 0 0 0 0
X
X
VL5
VL4
VL3
VL2
VL1
VL0
volume right
0 0 0 0 0 0 0 1
X
X
VR5
VR4
VR3
VR2
VR1
VR0
bass
0 0 0 0 0 0 1 0
X
X
X
X
BA3
BA2
BA1
BA0
treble
0 0 0 0 0 0 1 1
X
X
X
X
TR3
TR2
TR1
TR0
fader
0 0 0 0 0 1 0 0
X
X
MFN
FCH
FA3
FA2
FA1
FA0
switch
0 0 0 0 0 1 0 1
GMU
XXXXSCC
SCB
SCA
Function of the bits:
VL0 to VL5
volume control left
VR0 to VR5
volume control right
BA0 to BA3
bass control
TR0 to TR3
treble control
FA0 to FA3
fader control
FCH
select fader channel (front or rear)
MFN
mute control of the selected fader channel (front or rear)
SCA to SCC
source selector control
GMU
mute control (general mute)
for the outputs QLF, QLR, QRF and QRR
X
don't care bits (logic 1 during testing)


同様の部品番号 - TEA6300

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

同様の説明 - TEA6300

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6323T PHILIPS-TEA6323T Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
logo
Princeton Technology Co...
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com