データシートサーチシステム |
|
LM1301-7R データシート(PDF) 3 Page - Power-One |
|
LM1301-7R データシート(HTML) 3 Page - Power-One |
3 / 4 page Pin Electrical determination LM1000 LM2000 LM3000 2 Inhibit control input i i i 5 Data safe or ACFAIL D or V D or V D or V 8 Output positive Vo+ Vo3+ 11 Output negative Vo– Vo3– 14 Control input + R 17 Control input – G 14 Output positive Vo2+ Vo2+ 17 Output negative Vo2– Vo2– 20 Output positive Vo+ Vo1+ Vo1+ 23 Output negative Vo– Vo1– Vo1– 26 Protective earth PE 29 AC input neutral N N N 32 AC input phase L L L JUN 20, 2006 revised to JUL 21, 2006 Page 3 of 4 www.power-one.com M Series Data Sheet 50-Watt AC-DC Cassette Converters EMC Electrostatic discharge IEC/EN 61000-4-2, level 4 (8/15 kV) criterion A Electromagnetic field IEC/EN 61000-4-3, level x (20 V/m) criterion A/B Electr. fast transients/bursts IEC/EN 61000-4-4, input, level 3/4 (2/4 kV) criterion A/B Surge IEC/EN 61000-4-5, input, level 3/4 (2/4 kV) criterion A Conducted disturbances IEC/EN 61000-4-6, level 3 (10 V) criterion B Electromagnetic emissions CISPR 22/EN 55022, class I, conducted class B Environmental Operating ambient temperature Vi nom, Io nom, convection cooled –25 to 71 °C Operating case temperature TC Vi nom, Io nom –25 to 95 °C Storage temperature non operational –40 to 100 °C Damp heat IEC/EN 60068-2-78, 93%, 40 °C 56 days Vibration, sinusoidal IEC/EN 60068-2-6, 10 - 60/60 - 2000 Hz 0.35 mm/5 gn Shock IEC/EN 60068-2-27, 6 ms 100 gn Bump IEC/EN 60068-2-29, 6 ms 40 gn Random vibration IEC/EN 60068-2-64, 20 to 500 Hz 4.9 gn rms MTBF MIL-HDBK-217E, GB, 40 °C, single output models 320 000 h Options Extended temperature range –40 to 71 °C, ambient, operating -9 Electronic inrush current limitation E Output voltage adjustment 95 - 105% Vo nom, excludes feature R P Input and/or output undervoltage monitoring, excludes option V D0 - D9 Input and/or output undervoltage monitoring (VME), excludes option D V1 - V3 Test sockets for check of output voltage A Fuse not user-accessible F Pin Allocation |
同様の部品番号 - LM1301-7R |
|
同様の説明 - LM1301-7R |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |