データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA6810V データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TEA6810V
部品情報  Front-end and PLL synthesizers for car radios
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6810V データシート(HTML) 9 Page - NXP Semiconductors

Back Button TEA6810V Datasheet HTML 5Page - NXP Semiconductors TEA6810V Datasheet HTML 6Page - NXP Semiconductors TEA6810V Datasheet HTML 7Page - NXP Semiconductors TEA6810V Datasheet HTML 8Page - NXP Semiconductors TEA6810V Datasheet HTML 9Page - NXP Semiconductors TEA6810V Datasheet HTML 10Page - NXP Semiconductors TEA6810V Datasheet HTML 11Page - NXP Semiconductors TEA6810V Datasheet HTML 12Page - NXP Semiconductors TEA6810V Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1996 Jun 18
9
Philips Semiconductors
Product specification
Front-end and PLL synthesizers for
car radios
TEA6810V; TEA6811V
AC CHARACTERISTICS
All voltage and current values are RMS values; noise values are unweighted within the bandwidth 0.03 to 20 kHz;
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
AM signal channel; (note 1; see Fig.4)
RF PREAMPLIFIER STAGE
Z21
transimpedance
40
65
k
AGC STAGE; F
I
2 =1MHZ
Vi2
HF input voltage
AGC start level 1
750
mV
AGC start level 2
850
mV
AGC stop level 1
145
mV
AGC stop level 2
170
mV
IAGCsink
AGC sink current
V18 =V19 + 0.5 V; V27 =V19
1
−µA
IAGCsource
AGC source current
V18 =V19 - 0.5 V; V27 =V19
2
mA
MIXER (f
O = 10.7 MHZ)
Ri
input resistance between pins
18 and 21
15(2)
20
k
Ci
input capacitance between
pins 18 and 21
5
pF
Co
output capacitance between
pins 15 and 16
−−
5(2)
pF
GmC
conversion transconductance
(I15 to I16/V18 to V19
2.4
2.75
3.1
mS
∆G
mC
variation in conversion
transconductance
−−0.005
mS/K
IP3
third-order intermodulation
130(2)
137
dBmV
CP
−1 dB compression point
114(2)
120
dBmV
Vn(eq)
equivalent input noise voltage
9
nV/
√Hz
OSCILLATOR/N2 DIVIDER
RN2
internal divider ratio (N2)
set by I2C-bus; see Table 3
15
10
5
3
REFERENCE VOLTAGE (PIN 19)
Vo
output reference voltage
2.75
V
Zo
output impedance
40
−Ω
Io(max)
maximum output current
−−
0.1
mA


同様の部品番号 - TEA6810V

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823 PHILIPS-TEA6823 Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results

同様の説明 - TEA6810V

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
U4062B TEMIC-U4062B Datasheet
219Kb / 21P
   HF Front End for Car Radios and HiFi Receivers
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
   FM Front End Circuit for Radios
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
   IF ADC Front End for AM/FM and HD Radios
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
logo
Panasonic Semiconductor
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
NXP Semiconductors
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
   Front-end for digital-IF car radio
Rev. 01-10 July 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com