データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA904012013AC660V50HZ データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 BA904012013AC660V50HZ
部品情報  Monitoring technique
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

BA904012013AC660V50HZ データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  BA904012013AC660V50HZ Datasheet HTML 1Page - List of Unclassifed Manufacturers BA904012013AC660V50HZ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
BA 9040.12/001 3 AC 400 V 50/60 Hz
Article number:
0043764
stock item
· With phase sequence detection
· Without operate delay
· Output:
2 changeover contacts
· Nominal voltage U
N:
3 AC 400 V
· Width:
45 mm
MK 9040N.12/001
3AC 400 V
50/60 Hz
Article number:
0055712
stock item
· With phase sequence detection
· Without operate delay
· Output:
2 changeover contacts
· Nominal voltage U
N:
3 AC 400 V
· Width:
22,5 mm
Switching capacity
to AC 15
NO contact:
3 A / AC 230 V
IEC/EN 60 947-5-1
NC contact:
1 A / AC 230 V
IEC/EN 60 947-5-1
Electrical life:
to AC 15 at 3 A, AC 230 V:
105 switching cycles IEC/EN 60 947-5-1
Permissible switching
frequency:
6 000 switching cycles / h
Short circuit strength
max. fuse rating:
4 A gL
IEC/EN 60 947-5-1
General data
Operating mode:
Continuous operation
Temperature range:
- 20 ... + 60
°C
Clearance and creepage
distances
overvoltage category /
contamination level:
4 kV / 2
IEC 60 664-1
EMC
Electrostatic discharge:
8 kV (air)
IEC/EN 61 000-4-2
HF irradiation:
10 V/m
IEC/EN 61 000-4-3
Fast transients:
2 kV
IEC/EN 61 000-4-4
Surge voltages
between
wires for power supply:
2 kV
IEC/EN 61 000-4-5
between wire and ground:
4 kV
IEC/EN 61 000-4-5
Interference suppression:
Limit value class B
EN 55 011
Degree of protection:
Housing:
IP 40
IEC/EN 60 529
Terminals: IP 20
IEC/EN 60 529
Housing:
Thermoplast with V0 behaviour
according to UL subject 94
Vibration resistance:
Frequency 10 ... 55 Hz,
Amplitude 0,35 mm IEC/EN 60 068-2-6
Climate resistance:
20 / 060 / 04
IEC/EN 60 068-1
Wire connection:
2 x 2,5 mm2 solid or
2 x 1,5 mm2 stranded wire with sleeve
DIN 46 228-1/-2/-3/-4
Wire fixing:
BA 9040:
Flat terminals with self-lifting
clamping piece
IEC/EN 60 999-1
MK 9040N:
Box terminal with wire protection
Mounting:
DIN rail
IEC/EN 60 715
Weight:
325 g
Dimensions
Width x height x depth:
BA 9040:
45 x 74 x 133 mm
MK 9040N:
22,5 x 90 x 100 mm
Technical data
Characteristics
Continuous current limit curve
E. DOLD & SÖHNE KG • D-78114 Furtwangen
e-mail dold-relays@t-online.de • internet http://www.dold.com
• Postf. 1251 • Tel. +49 7723 654 0 • Telefax +49 7723 654 356
Standard type
BA 9040.12/60:
CSA/UL approval
BA 9040.12/0 _ 0:
without phase sequence detection
BA 9040.12/0 _ 1:
with phase sequence detection
BA 9040.12/00 _ :
without time delay
BA 9040.12/01 _ :
with adjustable time delay
t
v: 0 ... 5 s
MK 9040N.12/0 _ 0:
without phase sequence detection
MK 9040N.12/0 _ 1:
with phase sequence detection
MK 9040N.12/00 _:
without time delay
MK 9040N.12/01 _:
with adjustable time delay
t
v: 0 ... 10 s
Ordering example for variants
MK 9040N .12
/0 _ _
3 AC 400 V
50 / 60 Hz
Nominal frequency
Nominal voltage
On request BA 9040:
3 AC 230 V
3 AC 440 V
3 AC 660 V
MK 9040N:
3 AC 400 V
0: without phase
sequence recognition
1: with phase
sequence recognition
0: without t
v
1: with t
v
Contacts
Type
Variants


同様の部品番号 - BA904012013AC660V50HZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BA9026 ETC1-BA9026 Datasheet
69Kb / 2P
   Power Electronics, Softstarter with softstop ministart
BA90263AC503 ETC1-BA90263AC503 Datasheet
69Kb / 2P
   Power Electronics, Softstarter with softstop ministart
logo
Rohm
BA90BC0FP ROHM-BA90BC0FP Datasheet
358Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA90BC0FP ROHM-BA90BC0FP Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BA90BC0FP-E2 ROHM-BA90BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

同様の説明 - BA904012013AC660V50HZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
R317072000 ETC2-R317072000 Datasheet
56Kb / 2P
   NOTICE TECHNIQUE
R191970061 ETC2-R191970061 Datasheet
31Kb / 1P
   FICHE TECHNIQUE
R605005000 ETC2-R605005000 Datasheet
98Kb / 2P
   FICHE TECHNIQUE
logo
Analog Intergrations Co...
AN011 AIC-AN011 Datasheet
98Kb / 5P
   cost-effective technique
logo
PETERMANN-TECHNIK
M6300 PETERMANN-M6300 Datasheet
120Kb / 2P
   FUNDAMENTAL TECHNIQUE FOR LOW JITTER
logo
STMicroelectronics
AN1696 STMICROELECTRONICS-AN1696 Datasheet
622Kb / 11P
   Load sharing is a technique commonly
logo
Hotchip Technology Co.,...
PB0056E HOTCHIP-PB0056E Datasheet
1Mb / 8P
   Boost output using intelligent thermostat technique
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
   Monitoring Relays Frequency Monitoring
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
   Health Monitoring (Heart Rate Monitoring,
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
   Reliable low cost construction utilizing molded plastic technique
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL