データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA5055T データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TSA5055T
部品情報  2.65 GHz bidirectional I2C-bus controlled synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5055T データシート(HTML) 4 Page - NXP Semiconductors

  TSA5055T Datasheet HTML 1Page - NXP Semiconductors TSA5055T Datasheet HTML 2Page - NXP Semiconductors TSA5055T Datasheet HTML 3Page - NXP Semiconductors TSA5055T Datasheet HTML 4Page - NXP Semiconductors TSA5055T Datasheet HTML 5Page - NXP Semiconductors TSA5055T Datasheet HTML 6Page - NXP Semiconductors TSA5055T Datasheet HTML 7Page - NXP Semiconductors TSA5055T Datasheet HTML 8Page - NXP Semiconductors TSA5055T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1999 Aug 11
4
Philips Semiconductors
Product specification
2.65 GHz bidirectional I2C-bus controlled
synthesizer
TSA5055T
PINNING
SYMBOL
PIN
DESCRIPTION
PD
1
charge-pump output
Q1
2
crystal oscillator input 1
Q2
3
crystal oscillator input 2
SDA
4
serial data input/output
SCL
5
serial clock input
P7
6
port output/input (general
purpose)
P6
7
port output/input (ADC)
P5
8
port output/input (general
purpose)
P4
9
port output/input (general
purpose)
P3
10
port output (also used for address
selection)
P0
11
port output
VCC
12
voltage supply
RFIN1
13
RF signal input 1
RFIN2
14
RF signal input 2 (decoupled)
GND
15
ground
UD
16
drive output
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TSA5055T
PD
Q1
Q2
SDA
SCL
P7
P6
P5
UD
GND
RFIN2
RFIN1
VCC
P0
P3
P4
MBC304
FUNCTIONAL DESCRIPTION
General
The TSA5055T is controlled via the 2-wire I2C-bus. For
programming, there is one (7-bit) module address and the
R/W bit for selecting READ or WRITE mode.
WRITE mode: R/W=0; see Table 1
After the address transmission (first byte), data bytes can
be sent to the device. Four data bytes are needed to fully
program the TSA5055T. The bus transceiver has an
auto-increment facility that permits the programming of the
TSA5055T within one single transmission (address + four
data bytes).
The TSA5055T can also be partly programmed on the
condition that the first data byte following the address is
byte 2 or byte 4.
The meaning of the bits in the data bytes is given in
Table 1. The first bit of the first data byte transmitted
indicates whether frequency data (first bit = 0) or
charge-pump and port information (first bit = 1) will follow.
Until an I2C-bus STOP condition is sent by the controller,
additional data bytes can be entered without the need to
re-address the device. This allows a smooth frequency
sweep for fine tuning. At power-on, the ports are set to the
high-impedance state.
The 7.8125 kHz reference frequency is obtained by
dividing the output of the 4 MHz crystal oscillator by 512.
Because the input of the RF signal is first divided by 16,
the step size is 125 kHz. A 3.2 MHz crystal can offer a step
size of 100 kHz.


同様の部品番号 - TSA5055T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059A PHILIPS-TSA5059A Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059AT PHILIPS-TSA5059AT Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059ATS PHILIPS-TSA5059ATS Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059T PHILIPS-TSA5059T Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
More results

同様の説明 - TSA5055T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
   2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com