データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA5055T データシート(PDF) 10 Page - NXP Semiconductors

部品番号 TSA5055T
部品情報  2.65 GHz bidirectional I2C-bus controlled synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5055T データシート(HTML) 10 Page - NXP Semiconductors

Back Button TSA5055T Datasheet HTML 6Page - NXP Semiconductors TSA5055T Datasheet HTML 7Page - NXP Semiconductors TSA5055T Datasheet HTML 8Page - NXP Semiconductors TSA5055T Datasheet HTML 9Page - NXP Semiconductors TSA5055T Datasheet HTML 10Page - NXP Semiconductors TSA5055T Datasheet HTML 11Page - NXP Semiconductors TSA5055T Datasheet HTML 12Page - NXP Semiconductors TSA5055T Datasheet HTML 13Page - NXP Semiconductors TSA5055T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Aug 11
10
Philips Semiconductors
Product specification
2.65 GHz bidirectional I2C-bus controlled
synthesizer
TSA5055T
Notes
1. When a port is active, the collector voltage must not exceed 6 V.
2. Measured with a single open-collector active.
Output ports P3 and P0 (current limited)
ILO
leakage current
Vo = 13.5 V
−−
10
µA
IOS
output sink current
Vo = 13.5 V
0.7
1
1.5
mA
Output ports P7 to P4 (open collector); see note 1
ILO
leakage current
Vo = 13.5 V
−−
10
µA
VOL
output voltage LOW
Io = 10 mA; note 2
−−
0.7
V
Input ports P6 and P3
IIH
input current HIGH
VIH = 13.5 V
−−
10
µA
IIL
input current LOW
VIL =0V
−10
−−
µA
Input ports P7, P5 and P4
VIH
input voltage HIGH
2.7
−−
V
VIL
input voltage LOW
−−
0.8
V
IIH
input current HIGH
VIH = 13.5 V
−−
10
µA
IIL
input current LOW
VIL =0V
−10
−−
µA
Bus inputs SCL and SDA
VIH
input voltage HIGH
3
5.5
V
VIL
input voltage LOW
−−
1.5
V
IIH
input current HIGH
VIH =5V; VCC =0V
−−
10
µA
VIH =5V; VCC =5V
−−
10
µA
IIL
input current LOW
VIL =0V; VCC =0V
−10
−−
µA
VIL =0V; VCC =5V
−10
−−
µA
Output SDA (open-collector)
IOH
leakage current
VOH = 5.5 V
−−
10
µA
VOL
output voltage
IOL =3mA
−−
0.4
V
Charge-pump output PD
IOH
output current HIGH (absolute value)
CP = 1
90
220
300
µA
IOL
output current LOW (absolute value)
CP = 0
22
50
75
µA
VO
output voltage
in-lock
1.5
2.5
V
IO(leak)
off-state leakage current
T0 = 1
−5
+5
nA
Operational amplifier output UD (test mode: T0 = 1)
VO
output voltage
VO(PD) =0V
−−
100
mV
output voltage when switched off
T0 = 1; OS = 1; VO(PD) =2V
−−
250
mV
hFE
operational amplifier current gain
T0 = 1, OS = 0; VO(PD) =2V
IO(UD) =10 µA
2000
−−
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
OUD
()
I
OPD
()
I
O PD leak
()
-----------------------------------------------


同様の部品番号 - TSA5055T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059A PHILIPS-TSA5059A Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059AT PHILIPS-TSA5059AT Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059ATS PHILIPS-TSA5059ATS Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059T PHILIPS-TSA5059T Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
More results

同様の説明 - TSA5055T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
   2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com