データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA5512T データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TSA5512T
部品情報  1.3 GHz Bidirectional I2C-bus controlled synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5512T データシート(HTML) 11 Page - NXP Semiconductors

Back Button TSA5512T Datasheet HTML 7Page - NXP Semiconductors TSA5512T Datasheet HTML 8Page - NXP Semiconductors TSA5512T Datasheet HTML 9Page - NXP Semiconductors TSA5512T Datasheet HTML 10Page - NXP Semiconductors TSA5512T Datasheet HTML 11Page - NXP Semiconductors TSA5512T Datasheet HTML 12Page - NXP Semiconductors TSA5512T Datasheet HTML 13Page - NXP Semiconductors TSA5512T Datasheet HTML 14Page - NXP Semiconductors TSA5512T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
October 1992
11
Philips Semiconductors
Product specification
1.3 GHz Bidirectional I2C-bus controlled synthesizer
TSA5512
Notes to the characteristics
1. When a port is active, the collector voltage must not exceed 6 V.
2. Measured with all open-collector ports active.
SCL and SDA inputs
IIH
HIGH level input current
VIH = 5 V; VCC = 0 V
−−
10
µA
VIH = 5 V; VCC = 5 V
−−
10
µA
IIL
LOW level input current
VIL = 0V;VCC = 0 V
−10
−−µA
VIL = 0V;VCC = 5 V
−10
−−µA
Output SDA (pin 4; open collector)
ILO
output leakage current
VO = 5.5 V
−−
10
µA
VO
output voltage
IO = 3 mA
−−
0.4
V
Charge-pump output PD (pin 1)
IOH
HIGH level output current
(absolute value)
CP = 1
90
220
300
µA
IOL
LOW level output current
(absolute value)
CP = 0
22
50
75
µA
V1
output voltage
in-lock
1.5
2.5
V
I1leak
off-state leakage current
T0 = 1
−5
5nA
Operational amplifier output UD (test mode T0 = 1)
V18
output voltage
VIL = 0 V
−−
100
mV
V18
output voltage when
switched-off
OS = 1; VIL = 2 V
−−
200
mV
G
operational amplifier
current gain;
I18/(I1 - I1leak)
OS = 0; VIL = 2 V;
I18 = 10 µA
2000
−−
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TSA5512T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511AT PHILIPS-TSA5511AT Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511T PHILIPS-TSA5511T Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5514AT PHILIPS-TSA5514AT Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
More results

同様の説明 - TSA5512T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com