データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA5515T データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TSA5515T
部品情報  1.3 GHz bi-directional I2C-bus controlled synthesizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5515T データシート(HTML) 9 Page - NXP Semiconductors

Back Button TSA5515T Datasheet HTML 5Page - NXP Semiconductors TSA5515T Datasheet HTML 6Page - NXP Semiconductors TSA5515T Datasheet HTML 7Page - NXP Semiconductors TSA5515T Datasheet HTML 8Page - NXP Semiconductors TSA5515T Datasheet HTML 9Page - NXP Semiconductors TSA5515T Datasheet HTML 10Page - NXP Semiconductors TSA5515T Datasheet HTML 11Page - NXP Semiconductors TSA5515T Datasheet HTML 12Page - NXP Semiconductors TSA5515T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
November 1991
9
Philips Semiconductors
Product specification
1.3 GHz bi-directional I2C-bus controlled synthesizer
TSA5515T
CHARACTERISTICS
VCC = 5V;Tamb = 25 °C; unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage range
4.5
5.5
V
Tamb
operating ambient temperature
range
−10
80
°C
fCLK
clock input frequency range
64
1300
MHz
N
divider
256
32767
ICC
supply current
25
35
50
mA
fXTAL
crystal oscillator frequency
3.2
4
4.48
MHz
ZI
input impedance (pin 2)
−480
−400 −320
VI (RMS)
input voltage level (RMS value)
VCC = 4.5 to 5.5 V;
Tamb = −10 to 80 °C
see typical sensitivity
curve in Fig.4
f = 80 to 150 MHz
12
300/2.6 mV
f = 150 to 1000 MHz
9
300/2.6 mV
f = 1000 to 1300 MHz
40
300/2.6 mV
RI
prescaler input impedance
see Smith chart in Fig.5
50
−Ω
CI
input capacitance
2
pF
Output ports (open collector) (see note 1)
ILO
leakage current
V6H = 13.5 V
−−
10
µA
VOL
output voltage LOW (P7)
I6L = 5 mA
note 2
−−
0.5
V
output voltage LOW (P2, P1)
I8L = 20 mA
note 2
−−
0.5
V
Address selection input (AS)
IIH
input current HIGH
V7H = 5 V
−−
20
µA
IIL
input current LOW
V7L = 0
−20
−−
µA
Bus inputs SCL, SDA
VIH
input voltage HIGH
3
5.5
V
VIL
input voltage LOW
−−
1.5
V
IIH
input current HIGH
V5H = 5 V;
VCC = 0
−−
10
µA
V5H = 5 V;
VCC = 5 V
−−
10
µA
IIL
input current LOW
V5L = 0;
VCC = 0
−10
−−
µA
V5L = 0;
VCC = 5 V
−10
−−
µA
Output SDA (open collector)
ILO
leakage current
V4H = 5.5 V
−−
10
µA
V4L
output voltage
I4L = 3 mA
−−
0.4
V
V14
output voltage
V1L = 0
−−
100
mV


同様の部品番号 - TSA5515T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511AT PHILIPS-TSA5511AT Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5511T PHILIPS-TSA5511T Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512AT PHILIPS-TSA5512AT Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
More results

同様の説明 - TSA5515T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
logo
Zarlink Semiconductor I...
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
   1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
NXP Semiconductors
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com