データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA6060T データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TSA6060T
部品情報  Fast radio tuning PLL frequency synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA6060T データシート(HTML) 9 Page - NXP Semiconductors

Back Button TSA6060T Datasheet HTML 5Page - NXP Semiconductors TSA6060T Datasheet HTML 6Page - NXP Semiconductors TSA6060T Datasheet HTML 7Page - NXP Semiconductors TSA6060T Datasheet HTML 8Page - NXP Semiconductors TSA6060T Datasheet HTML 9Page - NXP Semiconductors TSA6060T Datasheet HTML 10Page - NXP Semiconductors TSA6060T Datasheet HTML 11Page - NXP Semiconductors TSA6060T Datasheet HTML 12Page - NXP Semiconductors TSA6060T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1995 Nov 23
9
Philips Semiconductors
Product specification
Fast radio tuning PLL frequency
synthesizer
TSA6060
Tuning voltage amplifiers
AM OUTPUT (PIN 15)
∆VOH
HIGH level output voltage swing
IO = −0.6 mA
VCC2 − 0.9 −−
V
∆V
OL
LOW level output voltage swing
IO = 0.6 mA
−−
0.8
V
FM OUTPUT (PIN 13)
∆V
OH
HIGH level output voltage swing
IO = −0.6 mA
VCC2 − 0.9 −−
V
∆VOL
LOW level output voltage swing
IO = 0.6 mA
−−
0.8
V
Zo(off)
impedance of switched-off output
to ground
500
−Ω
|Ibias|
input bias current
15
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.4 Prescaler input sensitivity.


同様の部品番号 - TSA6060T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TSA601M ETC-TSA601M Datasheet
341Kb / 1P
   Tele Communication surge absorber
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
TSA6057T PHILIPS-TSA6057T Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
StarHope
TSA60U SPSEMI-TSA60U Datasheet
120Kb / 5P
   TSA(240W) Series
More results

同様の説明 - TSA6060T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SAA1057 PHILIPS-SAA1057 Datasheet
104Kb / 13P
   Radio tuning PLL frequency synthesizer
November 1983
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
ATMEL Corporation
ATR4256 ATMEL-ATR4256 Datasheet
522Kb / 21P
   Frequency Synthesizer for Radio Tuning
U4256BM-R ATMEL-U4256BM-R Datasheet
403Kb / 19P
   Frequency Synthesizer for Radio Tuning
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com