データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

LC281 データシート(PDF) 12 Page - Seoul Semiconductor

部品番号. LC281
部品情報  BLUE OVAL LAMP LED
ダウンロード  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo 

LC281 Datasheet(HTML) 12 Page - Seoul Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
-12-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<060712> Rev. 0.1
LB770D
9. SOLDERING PROFILE
1) Wave Soldering Conditions / Profile
• Preliminary heating to be at 85ºC(120 ºC max) for 20 seconds(60 seconds max).
• Soldering heat to be at 235 ºC (260ºC max) for 5 seconds (10 seconds max.)
• Soak time above 200 ºC is 5 seconds
2) Hand Soldering conditions
• Not more than 5 seconds at max. 300ºC, under Soldering iron.
0
2
4
6
8
10
12
1 4
1 6
18
20
22
2 4
2 6
28
30
3 2
3 4
36
0
50
10 0
15 0
20 0
25 0
Tim e [s ]
PREHEAT
20s (30s Max)
85 ºC(100 ºC max)
PEAK
5s (10s Max)
235 ºC(260 ºC Max)
Note : In case the soldered products are reused in soldering process, we don’t guarantee the products.


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MBB51TB-10HULTRA HIGH BRIGHTNESS BLUE LED LAMP 1 Micro Electronics
MBB51TK-11JULTRA HIGH BRIGHTNESS BLUE LED LAMP 1 2 Micro Electronics
MBB62TA-FHIGH BRIGHTNESS BLUE LED LAMP 1 Micro Electronics
LT770DGREEN OVAL LAMP LED 1 2 3 4 5 MoreSeoul Semiconductor
L1619OVAL BI-COLOR LED LAMP 1 2 3 Kingbright Corporation
LR770DRED OVAL LAMP LED 1 2 3 4 5 MoreSeoul Semiconductor
MBB31TA-EJULTRA HIGH BRIGHTNESS BLUE LED LAMP 1 Micro Electronics
LR700DRED OVAL LAMP LED 1 2 3 4 5 MoreSeoul Semiconductor
MBB32CA-FKHIGH EFFICIENCY LOW CURRENT BLUE LED LAMP 1 2 Micro Electronics
MBB32TA-DJULTRA HIGH BRIGHTNESS BLUE LED LAMP 1 Micro Electronics

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn