データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4349-CZZ データシート(PDF) 7 Page - Cirrus Logic

部品番号 CS4349-CZZ
部品情報  192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4349-CZZ データシート(HTML) 7 Page - Cirrus Logic

Back Button CS4349-CZZ Datasheet HTML 3Page - Cirrus Logic CS4349-CZZ Datasheet HTML 4Page - Cirrus Logic CS4349-CZZ Datasheet HTML 5Page - Cirrus Logic CS4349-CZZ Datasheet HTML 6Page - Cirrus Logic CS4349-CZZ Datasheet HTML 7Page - Cirrus Logic CS4349-CZZ Datasheet HTML 8Page - Cirrus Logic CS4349-CZZ Datasheet HTML 9Page - Cirrus Logic CS4349-CZZ Datasheet HTML 10Page - Cirrus Logic CS4349-CZZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
DS782F1
7
CS4349
Control Port Definitions
AD1/CDOUT
1
Address Bit 1 / Serial Control Data Out (I/O) - Chip address bit 1 in I²C Mode or data output in SPI Mode
AD0/CS
2
Address Bit 0 / Chip Select (Input) - Chip address bit 0 in I²C Mode or Chip Select in SPI Mode
SDA/CDIN
3
Serial Control Data In (I/O) - Input/Output for I²C data. Input for SPI data
SCL/CCLK
4
Serial Control Port Clock (Input) - Serial clock for the control port interface
TSTO
8
Test Output (Output) - This pin needs to be floating and not connected to any trace or plane.
Stand-Alone Definitions
DIF0
DIF1
DIF2
3
4
1
Digital Interface Format (Input) - Defines the required relationship between the Left Right Clock, Serial
Clock, and Serial Audio Data
DEM
2
De-emphasis (Input) - Selects the standard 15
μs/50 μs digital de-emphasis filter response for
44.1 kHz sample rates
POPGUARD
8
Popguard Disable (Input/Output) - At RST this pin is an input to disable PopGuard when pulled high;
Otherwise leave floating. After RST is released this pin becomes TSTO.


同様の部品番号 - CS4349-CZZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4340 CIRRUS-CS4340 Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
CS4340-BS CIRRUS-CS4340-BS Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
CS4340-CZZ CIRRUS-CS4340-CZZ Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CS4340-DSZ CIRRUS-CS4340-DSZ Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CS4340-KS CIRRUS-CS4340-KS Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
More results

同様の説明 - CS4349-CZZ

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4398 CIRRUS-CS4398 Datasheet
767Kb / 46P
   120 dB, 192 kHz Multi-Bit DAC with Volume Control
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com