データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4351 データシート(PDF) 8 Page - Cirrus Logic

部品番号 CS4351
部品情報  192 kHz Stereo DAC with 2 Vrms Line Out
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4351 データシート(HTML) 8 Page - Cirrus Logic

Back Button CS4351_05 Datasheet HTML 4Page - Cirrus Logic CS4351_05 Datasheet HTML 5Page - Cirrus Logic CS4351_05 Datasheet HTML 6Page - Cirrus Logic CS4351_05 Datasheet HTML 7Page - Cirrus Logic CS4351_05 Datasheet HTML 8Page - Cirrus Logic CS4351_05 Datasheet HTML 9Page - Cirrus Logic CS4351_05 Datasheet HTML 10Page - Cirrus Logic CS4351_05 Datasheet HTML 11Page - Cirrus Logic CS4351_05 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
DS566F1
CS4351
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
(The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired sam-
ple rate by multiplying the given characteristic by Fs. See (Note 6)
Parameter
Fast Roll-Off
Unit
Min
Typ
Max
Combined Digital and On-Chip Analog Filter Response - Single-Speed Mode - 48 kHz
Passband (Note 3)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.454
.499
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
+0.01
dB
StopBand
0.547
-
-
Fs
StopBand Attenuation
(Note 4)
102
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
-
9.4/Fs
-
s
Intra-channel Phase Deviation
-
-
±0.56/Fs
s
Inter-channel Phase Deviation
-
-
0
s
De-emphasis Error (Note 5)
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
±0.23
±0.14
±0.09
dB
dB
dB
Combined Digital and On-Chip Analog Filter Response - Double-Speed Mode - 96 kHz
Passband (Note 3)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.430
.499
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
0.01
dB
StopBand
.583
-
-
Fs
StopBand Attenuation
(Note 4)
80
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
-
4.6/Fs
-
s
Intra-channel Phase Deviation
-
-
±0.03/Fs
s
Inter-channel Phase Deviation
-
-
0
s
Combined Digital and On-Chip Analog Filter Response - Quad-Speed Mode - 192 kHz
Passband (Note 3)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.105
.490
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.01
-
0.01
dB
StopBand
.635
-
-
Fs
StopBand Attenuation
(Note 4)
90
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
-
4.7/Fs
-
s
Intra-channel Phase Deviation
-
-
±0.01/Fs
s
Inter-channel Phase Deviation
-
-
0
s


同様の部品番号 - CS4351_05

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4351-CZ CIRRUS-CS4351-CZ Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351-CZZ CIRRUS-CS4351-CZZ Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
More results

同様の説明 - CS4351_05

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com