データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4392 データシート(PDF) 10 Page - Cirrus Logic

部品番号 CS4392
部品情報  24-Bit, 192 kHz Stereo DAC with Volume Control?
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4392 データシート(HTML) 10 Page - Cirrus Logic

Back Button CS4392_04 Datasheet HTML 6Page - Cirrus Logic CS4392_04 Datasheet HTML 7Page - Cirrus Logic CS4392_04 Datasheet HTML 8Page - Cirrus Logic CS4392_04 Datasheet HTML 9Page - Cirrus Logic CS4392_04 Datasheet HTML 10Page - Cirrus Logic CS4392_04 Datasheet HTML 11Page - Cirrus Logic CS4392_04 Datasheet HTML 12Page - Cirrus Logic CS4392_04 Datasheet HTML 13Page - Cirrus Logic CS4392_04 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
CS4392
10
DS459PP3
3.4
Interpolation Filter
To accommodate the increasingly complex requirements of digital audio systems, the CS4392 incorpo-
rates selectable interpolation filters for each mode of operation. A fast and a slow roll-off filter is available
in each of Single, Double, and Quad Speed modes. These filters have been designed to accommodate a
variety of musical tastes and styles. Bit 5 of the Mode Control 3 register (06h) is used to select which filter
is used. Filter specifications can be found in Section 8, and filter response plots can be found in Figures 12
to 35.
In stand-alone mode, only the fast roll-off filter is available.
3.5
System Clocking
The required MCLK to LRCK and suggested SCLK to LRCK ratios are outlined in table 1. MCLK can be
at any phase in regards to LRCK and SCLK. SCLK, LRCK and SDATA must meet the phase and timing
relationships outlined in Section 7. Some common MCLK frequencies have been outlined in tables 2 to 4.
*Note:These clocking ratios are only available in Control Port Mode when the MCLK Divide bit is enabled.
MCLK/LRCK
SCLK/LRCK
LRCK
Single Speed
256, 384, 512, 768, 1024*
32, 48, 64, 96, 128
Fs
Double Speed
128, 192, 256, 384, 512*
32, 48, 64
Fs
Quad Speed
64
32 (16 bits only)
Fs
96
32, 48
Fs
128, 256*
32, 64
Fs
192
32, 48, 64, 96
Fs
Table 1. Clock Ratios
Sample Rate
(kHz)
MCLK (MHz)
See Note
256x
384x
512x
768x
1024x*
32
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
11.2896
16.9344
22.5792
33.8688
45.1584
48
12.2880
18.4320
24.5760
36.8640
49.1520
Table 2. Single Speed (4 to 50 kHz sample rates) Common Clock Frequencies
Sample Rate
(kHz)
MCLK (MHz)
See Note
128x
192x
256x
384x
512x*
64
8.1920
12.2880
16.3840
24.5760
32.7680
88.2
11.2896
16.9344
22.5792
33.8688
45.1584
96
12.2880
18.4320
24.5760
36.8640
49.1520
Table 3. Double Speed (50 to 100 kHz sample rates) Common Clock Frequencies
Sample Rate
(kHz)
MCLK (MHz)
See Note
64x
96x
128x
192x
256x*
176.4
11.2896
16.9344
22.5792
33.8688
45.1584
192
12.2880
18.4320
24.5760
36.8640
49.1520
Table 4. Quad Speed (100 to 200 kHz sample rates) Common Clock Frequencies


同様の部品番号 - CS4392_04

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4392-KS CIRRUS-CS4392-KS Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392-KZ CIRRUS-CS4392-KZ Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
More results

同様の説明 - CS4392_04

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com