データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5102A データシート(PDF) 5 Page - Cirrus Logic

部品番号 CS5102A
部品情報  16-bit, 100 kSps / 20 kSps A/D Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5102A データシート(HTML) 5 Page - Cirrus Logic

  CS5102A Datasheet HTML 1Page - Cirrus Logic CS5102A Datasheet HTML 2Page - Cirrus Logic CS5102A Datasheet HTML 3Page - Cirrus Logic CS5102A Datasheet HTML 4Page - Cirrus Logic CS5102A Datasheet HTML 5Page - Cirrus Logic CS5102A Datasheet HTML 6Page - Cirrus Logic CS5102A Datasheet HTML 7Page - Cirrus Logic CS5102A Datasheet HTML 8Page - Cirrus Logic CS5102A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
CS5101A CS5102A
DS45F6
5
ANALOG CHARACTERISTICS, CS5101A (Continued)
Notes: 5. Applies only in the track mode. When converting or calibrating, input capacitance will not exceed 30 pF.
6. Conversion time scales directly to the master clock speed. The times shown are for synchronous, internal loopback
(FRN) mode) with 8.0 MHz CLKIN. In PDT, RBT, and SSC modes, asynchronous delay between the falling edge
of
HOLD and the start of conversion may add to the apparent conversion time. This delay will not exceed 1.5
master clock cycles + 10 ns. In PDT, RBT, and SSC modes, CLKIN can be increased as long as the
HOLD sample
rate is 100 kHz max.
7. The CS5101A requires 6 clock cycles of coarse charge, followed by a minimum of 1.125
µs of fine charge. FRN
mode allows 9 cycles for fine charge which provides for the minimum 1.125
µs with an 8MHz clock, however; in
PDT, RBT, or SSC modes and at clock frequencies of 8 MHz or less, fine charge may be less than 9 clock cycles.
This reflects the typical specification (6 clock cycles + 1.125
µs).
8. Throughput is the sum of the acquisition and conversion times. It will vary in accordance with conditions affecting
acquisition and conversion times, as described above.
9. All outputs unloaded. All inputs at VD+ or DGND.
10. Power consumption in the sleep mode applies with no master clock applied (CLKIN held high or low).
11. With 300 mV p-p, 1-kHz ripple applied to each supply separately in the bipolar mode. Rejection improves by 6 dB
in the unipolar mode to 90 dB. Figure 25 shows a plot of typical power supply rejection versus frequency.
Parameter*
Symbol
CS5101A-J
CS5101A-B
Unit
Min
Typ
Max
Min
Typ
Max
Specified Temperature Range
-
0 to +70
-40 to +85
ºC
Analog Input
Aperture Time
-
-
25
-
-
25
-
ns
Aperture Jitter
-
-
100
-
-
100
-
ps
Input Capacitance
(Note 5)
Unipolar Mode
Bipolar Mode
-
-
-
-
320
200
425
265
-
-
320
200
425
265
pF
pF
Conversion and Throughput
Conversion Time
(Note 6)
tc
-
-
8.12
-
-
8.12
µs
Acquisition Time
(Note 7)
ta
-
-
1.88
-
-
1.88
µs
Throughput
(Note 8)
ftp
100
-
-
100
-
-
kSps
Power Supplies
Power Supply Current
(Note 9)
Positive Analog
Negative Analog
(SLEEP High)
Positive Digital
Negative Digital
IA+
IA-
ID+
ID-
-
-
-
-
21
-21
11
-11
28
-28
15
-15
-
-
-
-
21
-21
11
-11
28
-28
15
-15
mA
mA
mA
mA
Power Consumption
(Note 9, Note 10)
(SLEEP High)
(SLEEP Low)
Pdo
Pds
-
-
320
1
430
-
-
-
320
1
430
-
mW
mW
Power Supply Rejection
(Note 11)
Positive Supplies
Negative Supplies
PSR
PSR
-
-
84
84
-
-
-
-
84
84
-
-
dB
dB


同様の部品番号 - CS5102A

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS5102A CIRRUS-CS5102A Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
CS5102A-AL CIRRUS-CS5102A-AL Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
CS5102A-AP CIRRUS-CS5102A-AP Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
CS5102A-BL CIRRUS-CS5102A-BL Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
CS5102A-BP CIRRUS-CS5102A-BP Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
More results

同様の説明 - CS5102A

メーカー部品番号データシート部品情報
logo
Analog Devices
AD976ARZ AD-AD976ARZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRSZ AD-AD976ABRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ANZ AD-AD976ANZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976 AD-AD976_15 Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRZ AD-AD976ABRZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976AANZ AD-AD976AANZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRSZ AD-AD976ABRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976CNZ AD-AD976CNZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976BRSZ AD-AD976BRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ARZRL AD-AD976ARZRL Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com