データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5330A-BSR データシート(PDF) 6 Page - Cirrus Logic

部品番号 CS5330A-BSR
部品情報  8-Pin, Stereo A/D Converter for Digital Audio
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5330A-BSR データシート(HTML) 6 Page - Cirrus Logic

Back Button CS5330A-BSR Datasheet HTML 2Page - Cirrus Logic CS5330A-BSR Datasheet HTML 3Page - Cirrus Logic CS5330A-BSR Datasheet HTML 4Page - Cirrus Logic CS5330A-BSR Datasheet HTML 5Page - Cirrus Logic CS5330A-BSR Datasheet HTML 6Page - Cirrus Logic CS5330A-BSR Datasheet HTML 7Page - Cirrus Logic CS5330A-BSR Datasheet HTML 8Page - Cirrus Logic CS5330A-BSR Datasheet HTML 9Page - Cirrus Logic CS5330A-BSR Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
DS138F5
CS5330A/31A
DIGITAL CHARACTERISTICS
DIGITAL FILTER CHARACTERISTICS
(FS = 48 kHz)
6.
Filter characteristics scale with output sample rate.
7.
The analog modulator samples the input at 6.144 MHz for an output sample rate of 48 kHz. There is no
rejection of input signals which are multiples of the sampling frequency (n x 6.144 MHz ±21.7 kHz where
n = 0,1,2,3…).
8.
Group delay for Fs = 48 kHz, tgd = 15/48 kHz = 312µs.
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
VIH
2.4
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage at lo = -20 µA
VOH
VA-1.0
-
-
V
Low-Level Output Voltage at lo = 20 µA
VOL
--
0.4
V
Input leakage Current
Iin
-
-
±10.0
µA
Parameter
Symbol
Min
Typ
Max
Unit
Passband
(0.05)
(Note 6)
0.02
-
21.7
kHz
Passband Ripple
--
±0.05
dB
Stopband
(Note 6)
29
-
6115
kHz
Stopband Attenuation
(Note 7)
80
-
-
dB
Group Delay
(Note 8)
tgd
-15/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0
µs
High Pass Filter Characteristics
Frequency Response:
-3 dB
(Note 6)
-0.1 dB
-
-
3.7
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 6)
-
10
-
Degree
Passband Ripple
--
0
dB


同様の部品番号 - CS5330A-BSR

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS5330A-BS CIRRUS-CS5330A-BS Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
More results

同様の説明 - CS5330A-BSR

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
CS4330 CIRRUS-CS4330 Datasheet
1Mb / 38P
   8 Pin Stereo D/A Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
   8-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
   24-Bit Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com