データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-5230 データシート(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-5230
部品情報  Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5230 データシート(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5230 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5230 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5230 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5230 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5230 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-5230 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-5230 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-5230 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-5230 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Figure 3. Output Voltage vs. Forward Input Current.
Figure 4. Typical Diode Input Forward Characteristic.
Figure 5. Test Circuit for tPLH, tPHL, tr, and tf.
GND
V CC
IF
5 V
D.U.T.
619
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf = 5 ns
t = 100 kHz
10 % DUTY
CYCLE
C L=
15 pF
THE PROBE AND JIG CAPACITANCES
ARE INCLUDED IN CL .
V O
V E
OUTPUT VO
MONITORING
NODE
VCC
R f
D 1
D 2
5 K
D 3
D 4
Figure 2. Typical Logic High Output Current vs. Temperature.
Figure 1. Typical Logic Low Output Voltage vs. Temperature.


同様の部品番号 - HCPL-5230

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-5230 HP-HCPL-5230 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5230-100 HP-HCPL-5230-100 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5230-300 HP-HCPL-5230-300 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results

同様の説明 - HCPL-5230

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com