データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMX2322 データシート(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMX2322
部品情報  PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2322 データシート(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX2322 Datasheet HTML 5Page - National Semiconductor (TI) LMX2322 Datasheet HTML 6Page - National Semiconductor (TI) LMX2322 Datasheet HTML 7Page - National Semiconductor (TI) LMX2322 Datasheet HTML 8Page - National Semiconductor (TI) LMX2322 Datasheet HTML 9Page - National Semiconductor (TI) LMX2322 Datasheet HTML 10Page - National Semiconductor (TI) LMX2322 Datasheet HTML 11Page - National Semiconductor (TI) LMX2322 Datasheet HTML 12Page - National Semiconductor (TI) LMX2322 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LMX2322
Advance Information
9/24/1998
Rev 1.6
9
2.2.1 10-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO (R COUNTER)
R_CNTR
Divide
Ratio
9
8
7
6
5
4
3
2
1
0
2
0
0
0
0
0
0
0
0
1
0
3
0
0
0
0
0
0
0
0
1
1
1,023
1
1
1
1
1
1
1
1
1
1
NOTES: Divide ratio: 2 to 1,023 (Divide ratios less than 2 are prohibited)
R_CNTR - These bits select the divide ratio of the programmable reference dividers
2.2.2 R Register Truth Table
BIT
LOCATION
FUNCTION
0
1
CP_TRI
R[11]
Charge Pump TRISTATE
Normal
operation
TRISTATE
PD_POL
R[12]
Phase Detector Polarity
Negative
Positive
TEST
R[14]
Test mode bit
Normal
operation
Test mode
If the test mode is NOT activated (R[14]=0), the charge pump is active when CP_TRI is set LOW. When
CP_TRI is set HIGH, the charge pump output and phase comparator are forced to a TRI-STATE condition. This
bit must be set HIGH if the test mode is ACTIVATED (R[14]=1).
If the test mode is NOT activated (R[14]=0), PD_POL sets the VCO characteristics to positive when set HIGH.
When PD_POL is set LOW, the VCO exhibits a negative characteristic where the VCO frequency decreases
with increasing control voltage.
If the test mode is ACTIVATED (R[14]=1), the outputs of the N and R counters are directed to the CPo output to
allow for testing. The PD_POL bit selects which counter output according to Table 2.2.3.
2.2.3
Test mode truth table (R[14] = 1)
CPo Output
CP_TRI
R[11]
PD_POL
R[12]
R divider output
1
0
N divider output
1
1
2.3 N REGISTER
If the address bit is LOW (ADDR=0), when LE is transitioned high, data is transferred from the 18-bit shift register
into the 17-bit N register.
The N register consists of the 5-bit swallow counter (A counter), the 10 bit
programmable counter (B counter) and the control word. Serial data format is shown below in tables 2.3.1 and
2.3.2. The pulse swallow function which determines the divide ratio is described in section 2.3.3.
First Bit
SHIFT REGISTER BIT LOCATION
Last Bit
17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
NB_CNTR [9:0]
NA_CNTR[4:0]
CTL_WORD[1:0]
0


同様の部品番号 - LMX2322

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMX2320 NSC-LMX2320 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2320TM NSC-LMX2320TM Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2320TMX NSC-LMX2320TMX Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
More results

同様の説明 - LMX2322

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
   PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
   PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2332LTMX NSC-LMX2332LTMX Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2314 NSC-LMX2314 Datasheet
371Kb / 20P
   1.2 GHz Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com