データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC5571IDBVTG4 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC5571IDBVTG4
部品情報  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC5571IDBVTG4 データシート(HTML) 9 Page - Texas Instruments

Back Button DAC5571IDBVTG4 Datasheet HTML 5Page - Texas Instruments DAC5571IDBVTG4 Datasheet HTML 6Page - Texas Instruments DAC5571IDBVTG4 Datasheet HTML 7Page - Texas Instruments DAC5571IDBVTG4 Datasheet HTML 8Page - Texas Instruments DAC5571IDBVTG4 Datasheet HTML 9Page - Texas Instruments DAC5571IDBVTG4 Datasheet HTML 10Page - Texas Instruments DAC5571IDBVTG4 Datasheet HTML 11Page - Texas Instruments DAC5571IDBVTG4 Datasheet HTML 12Page - Texas Instruments DAC5571IDBVTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
DD = +2.7 V
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
0.5
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
0
32
64
96
128
160
192
224
256
Digital Input Code
VDD = 2.7 V at −40°C
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
0.5
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
0
32
64
96
128
160
192
224
256
Digital Input Code
VDD = 2.7 V at 25°C
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
0.5
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
0
32
64
96
128
160
192
224
256
Digital Input Code
VDD = 2.7 V at 105°C
−16
−8
0
8
16
0
32
64
96
128
160
192
224
256
Digital Input Code
VDD = 2.7 V TA = 25°C
−50
−30
−10
10
30
50
70
90
110
−30
−20
−10
0
10
20
30
VDD = 5 V
VDD = 2.7 V
T − Temperature − _C
−30
−20
−10
0
10
20
30
−50
−30
−10
10
30
50
70
90
110
VDD = 2.7 V
T − Temperature − _C
DAC5571
SLAS405A – DECEMBER 2003 – REVISED AUGUST 2005
At T
A = +25°C, +VDD = +2.7 V, unless otherwise noted.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs
vs
CODE (-40°C)
CODE (+25°C)
Figure 21.
Figure 22.
LINEARITY ERROR AND
ABSOLUTE ERRORS
DIFFERENTIAL LINEARITY ERROR
vs
CODE (+105°C)
Figure 23.
Figure 24.
ZERO-SCALE ERROR
FULL-SCALE ERROR
vs
vs
TEMPERATURE
TEMPERATURE
Figure 25.
Figure 26.
9


同様の部品番号 - DAC5571IDBVTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5571IDBVTG4 TI1-DAC5571IDBVTG4 Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC5571IDBVTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571 TI1-DAC7571_15 Datasheet
1Mb / 27P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571 TI-DAC7571 Datasheet
766Kb / 21P
[Old version datasheet]   2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com