データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W0603HT-01-100R-F データシート(PDF) 2 Page - Welwyn Components Limited

部品番号 W0603HT-01-100R-F
部品情報  High Temperature TaNFilm짰 Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WELWYN [Welwyn Components Limited]
ホームページ  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

W0603HT-01-100R-F データシート(HTML) 2 Page - Welwyn Components Limited

  W0603HT-01-100R-F Datasheet HTML 1Page - Welwyn Components Limited W0603HT-01-100R-F Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PFC Hi Temp Series Issue June 2006
Welwyn Components
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
High Temperature
TaNFilm® Chip Resistors
Rated Power vs Temperature Data
100
50
50
100
150
200
Temperature in °C
Performance Data
Environmental Test
MIL-PRF-55342
Performance
Typical
Maximum
Thermal Shock
±0.02%
±0.10%
Short Time Overload
±0.02%
±0.05%
High Temperature Exposure
±0.03%
±0.10%
Effects of Solder
±0.01%
±0.10%
Moisture Resistance
±0.03%
±0.10%
Life
(1000 hours, 200°C, no load )
±0.8%
±1.0%
Life
(1000 hours, 150°C, rated power )
±0.2%
±0.5%
W1206 HT - 01 - 100R - F
Chip Size
W1206; W0805; W0603
Termination
HT = High temperature chip resistor with gold plated terminations
HTLF = High temperature chip resistor with 100% tin (Pb-free) terminations
TCR Code
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
Value (use IEC62 code)
Tolerance (use IEC62 code)
J = ±5%; G = ±2%; F = ±1%
Ordering Data


同様の部品番号 - W0603HT-01-100R-F

メーカー部品番号データシート部品情報
logo
TT Electronics.
W0603HT TTELEC-W0603HT Datasheet
668Kb / 2P
   Available in industry standard 0603
More results

同様の説明 - W0603HT-01-100R-F

メーカー部品番号データシート部品情報
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
   TaNFilm짰 Precision Chip Resistors
logo
RHOPOINT COMPONENTS
CHR-HT0603 RHOPOINT-CHR-HT0603 Datasheet
377Kb / 1P
   High Temperature Chip Resistors
logo
IRC - a TT electronics ...
1900HT IRCTT-1900HT Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
PFC-W0603HT-01-1001-J IRCTT-PFC-W0603HT-01-1001-J Datasheet
374Kb / 2P
   High Temperature TaNFilm Chip Resistors
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
TKC-HTC-1206LF-1R00-J IRCTT-TKC-HTC-1206LF-1R00-J Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
logo
RCD COMPONENTS INC.
FC1206-10R0-GB302 RCD-FC1206-10R0-GB302 Datasheet
25Kb / 1P
   TEMPERATURE SENSITIVE CHIP RESISTORS
logo
Riedon Powertron
CBR0402 RIEDON-CBR0402 Datasheet
188Kb / 2P
   High Temperature Bondable Thick Film Chip Resistors
HVS1206-100KJ8 RIEDON-HVS1206-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com