データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAC9752XXTAEYYX データシート(PDF) 11 Page - Integrated Device Technology

部品番号 STAC9752XXTAEYYX
部品情報  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752XXTAEYYX データシート(HTML) 11 Page - Integrated Device Technology

Back Button STAC9752XXTAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9752XXTAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9752XXTAEYYX Datasheet HTML 9Page - Integrated Device Technology STAC9752XXTAEYYX Datasheet HTML 10Page - Integrated Device Technology STAC9752XXTAEYYX Datasheet HTML 11Page - Integrated Device Technology STAC9752XXTAEYYX Datasheet HTML 12Page - Integrated Device Technology STAC9752XXTAEYYX Datasheet HTML 13Page - Integrated Device Technology STAC9752XXTAEYYX Datasheet HTML 14Page - Integrated Device Technology STAC9752XXTAEYYX Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
11
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
2.1.3.
Power Consumption
Parameter
Min
Typ
Max
Unit
Digital Supply Current
+ 3.3V Digital
-
30
-
mA
Analog Supply Current (at Reset state)
+ 5V Analog
-
35
-
mA
+ 3.3V Analog
-
35
-
mA
Power Down Status (individually asserted) - All PR measurements taken while unmuted.
All paths unmuted
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
50
44
33
-
mA
PR0
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
42
39
22
-
mA
PR1
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
41
38
28
-
mA
PR2
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
32
29
12
-
mA
PR3
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
23
19
12
-
mA
PR4
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
50
44
0.2
-
mA
PR5
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
50
44
12
-
mA
PR6
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
38
36
33
-
mA
PR0 & PR1
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
35
35
12
-
mA
PR0, PR1, PR2, PR6
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
5
5
12
-
mA
PR0, PR1, PR2, PR3, PR6
+5V Analog Supply Current
+3.3V Analog Supply Current
+3.3V Digital Supply Current
-
0.6
0.6
12
-
mA


同様の部品番号 - STAC9752XXTAEYYX

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXNAEYYX IDT-STAC9752AXNAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXTAEYYX IDT-STAC9752AXTAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
More results

同様の説明 - STAC9752XXTAEYYX

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
STAC9766 IDT-STAC9766 Datasheet
438Kb / 97P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9750 IDT-STAC9750 Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
logo
Realtek Semiconductor C...
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Wolfson Microelectronic...
WM9707 WOLFSON-WM9707_06 Datasheet
333Kb / 35P
   AC 97 Revision 2.1 Audio CODEC with SPDIF Output
logo
Realtek Semiconductor C...
ALC850 REALTEK-ALC850 Datasheet
596Kb / 56P
   EIGHT CHANNEL AC??7 2.3 AUDIO CODEC
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com