データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAC9750XXTAEYYX データシート(PDF) 8 Page - Integrated Device Technology

部品番号 STAC9750XXTAEYYX
部品情報  VALUE-LINE TWO-CHANNEL AC??7 CODECS
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750XXTAEYYX データシート(HTML) 8 Page - Integrated Device Technology

Back Button STAC9750XXTAEYYX Datasheet HTML 4Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 5Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 6Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 9Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 10Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 11Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
8
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
2. CHARACTERISTICS/SPECIFICATIONS
2.1.
Electrical Specifications
2.1.1.
Absolute Maximum Ratings:
Stresses above the ratings listed below can cause permanent damage to the STAC9750/9751. These ratings,
which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability.
Electrical parameters are guaranteed only over the recommended operating temperature range.
2.1.2.
Recommended Operation Conditions
Item
Pin
Maximum Rating
Maximum supply voltage
Vdd
5.5 Volts
Output current per pin
± 4 mA, except VREF_OUT = ± 5mA
Voltage on any pin relative to ground
Vss - 0.3 V to Vdd + 0.3 V
Operating temperature
0oC to +70oC
Storage temperature
-55 oC to +125 oC
Soldering temperature
260 oC for 10 seconds *
Soldering temperature information for all available packages
begins on page 67.
Parameter
Min.
Typ.
Max.
Units
Power Supply Voltage
Digital - 3.3 V
3.135
3.3
3.465
V
Analog - 5 V
4.75
5
5.25
V
Analog - 3.3 V
3.135
3.3
3.465
V
Ambient Operating Temperature
0
+70
°C
Case Temperature
Tcase (48-LQFP)
+90
°C
ESD: The STAC9750/9751 is an ESD (electrostatic discharge) sensitive device. The human body and
test equipment can accumulate and discharge electrostatic charges up to 4000 Volts without detection.
Even though the STAC9750/9751 implements internal ESD protection circuitry, proper ESD precautions
should be followed to avoid damaging the functionality or performance.


同様の部品番号 - STAC9750XXTAEYYX

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXNAEYYX IDT-STAC9752AXNAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXTAEYYX IDT-STAC9752AXTAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752XXTAEYYX IDT-STAC9752XXTAEYYX Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
More results

同様の説明 - STAC9750XXTAEYYX

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
STAC9766 IDT-STAC9766 Datasheet
438Kb / 97P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
logo
Realtek Semiconductor C...
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC
logo
Integrated Device Techn...
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
ALC202 REALTEK-ALC202 Datasheet
590Kb / 42P
   REALTEK/AVANCE LOGIC, INC. TWO CHANNEL AC??7 AUDIO CODEC
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Integrated Device Techn...
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
   FOUR CHANNEL HD AUDIO CODECS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com