データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW232A データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 FW232A
部品情報  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW232A データシート(HTML) 3 Page - Sanyo Semicon Device

  FW232A Datasheet HTML 1Page - Sanyo Semicon Device FW232A Datasheet HTML 2Page - Sanyo Semicon Device FW232A Datasheet HTML 3Page - Sanyo Semicon Device FW232A Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FW232A
No.8361-3/4
VGS -- Qg
A S O
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
SW Time -- ID
Ciss, Coss, Crss -- VDS
yfs -- ID
IS -- VSD
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
024
10
614
12
820
18
16
0
4.0
3.0
3.5
2.0
2.5
1.0
0.5
1.5
VDS=10V
ID=8A
IT09738
0.1
7
1.0
10
7
5
3
2
3
2
1.0
7
5
3
22
10
7
5
32
3
75
°C
Ta=
--25
°C
IT09734
VDS=10V
IT09735
0.2
0.4
0.6
0.8
1.0
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
7
5
3
10
VGS=0V
25
°C
IT09737
0
5
10
15
20
25
30
7
3
100
5
7
5
2
3
1000
2
f=1MHz
Ciss
Coss
Crss
0
0
5
10
1
15
2
20
30
25
35
50
45
40
3
55
5
10
15
20
30
25
35
45
50
40
55
45678
Ta=25
°C
--60
0
--20
--40
0
20
40
80
60
100
140
120
160
ID=4A,
VGS
=2.5V
IT09732
IT09733
ID=4A
8A
ID=8A,
VGS=4.0V
1.0
10
100
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
0.1
0.01
1.0
2
3
57
2 3
57
2 3
57
2 3
5
10
0.01
0.1
IT09739
IDP=52A
ID=8A
100ms
DC
operation
1ms
10ms
10s
≤10µs
Operation in this
area is limited by RDS(on).
0.01
0.1
23
5
7
23
5
7
23
5
7 10
1.0
2
1000
7
5
3
2
100
10
7
5
3
2
td(on)
IT09736
td(off)
tf
VDD=15V
VGS=4V
tr
Ta=25
°C
Single pulse
Mounted on a ceramic board (1500mm2 ! 0.8mm) 1unit


同様の部品番号 - FW232A

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
FW232A-TL-E VBSEMI-FW232A-TL-E Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - FW232A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com