データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA2333T データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LA2333T
部品情報  Monolithic Linear IC Automotive LAN Transceiver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2333T データシート(HTML) 3 Page - Sanyo Semicon Device

  LA2333T Datasheet HTML 1Page - Sanyo Semicon Device LA2333T Datasheet HTML 2Page - Sanyo Semicon Device LA2333T Datasheet HTML 3Page - Sanyo Semicon Device LA2333T Datasheet HTML 4Page - Sanyo Semicon Device LA2333T Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA2333T
No.A0230-3/5
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Transceiver Block: Total Delay Time
L
→H
TTD1
Compared at the points where ITXD and
IRXD are at the 90% value
500
800
ns
H
→L
TTD2
Compared at the points where ITXD and
IRXD are at the 10% value
500
800
ns
Transceiver Block : Standby
On
VILSTB
0
0.5
V
Off
VIHSTB
2.4
3.3
V
Comparator Block : Inputs
High-level input voltage
VSIH
VREF = 1/2 VCC
VREF+0.1
VCC
V
Low-level input voltage
VSIL
VREF = 1/2 VCC
VREF-0.1
V
VREF input voltage
VSVREF
1/2 VCC
V
Comparator Block : Outputs
High-level output leakage current
ISOH
VOUT = 3.3V, RL = 0Ω
µA/ch
Low-level output saturation voltage
VSOL
ISINK = 500µA, RL = 0Ω
V
Comparator Block
Turn on time
TSON
VOUT = 3.3V, RL = 2kΩ
400
ns
Turn off time
TSOFF
VOUT = 3.3V, RL = 2kΩ
100
ns
Package Dimensions
unit : mm
3260A


同様の部品番号 - LA2333T

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
   Monolithic Linear IC For Audio Equipment Control Transceiver IC
More results

同様の説明 - LA2333T

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA2352M SANYO-LA2352M Datasheet
172Kb / 5P
   Monolithic Linear IC For Car-LAN Transceiver IC
LA2360M SANYO-LA2360M Datasheet
67Kb / 5P
   Monolithic Linear IC CAN Transceiver
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
   Monolithic Linear IC For Audio Equipment Control Transceiver IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
LA2351M SANYO-LA2351M Datasheet
134Kb / 5P
   For Car-LAN Transceiver IC
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com