データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA5771 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LA5771
部品情報  Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5771 データシート(HTML) 3 Page - Sanyo Semicon Device

  LA5771 Datasheet HTML 1Page - Sanyo Semicon Device LA5771 Datasheet HTML 2Page - Sanyo Semicon Device LA5771 Datasheet HTML 3Page - Sanyo Semicon Device LA5771 Datasheet HTML 4Page - Sanyo Semicon Device LA5771 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA5771
No.A0718-3/5
VIN 1
2 SWOUT
4 VOS
5 SS
Reg.
Comp.
Amp.
OSC
Reset
VREF
TSD
Drive
OCP
3 GND
Block Diagram
Application Circuit Example
Notes: C3 is for the soft start function. Delete C3 and keep the SS pin open when the soft function is not necessary.
VIN
SWOUT
VOS
GND
SS
L1
68
µH
C1
220
µF
/35V
R1
R2
C2
1000
µF
/6.3V
D1
SBD
LA5771
C3
1
µF
/50V


同様の部品番号 - LA5771

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5771MP SANYO-LA5771MP Datasheet
76Kb / 5P
   Separately-excited Step-down Switching Regulator (3.3V)
LA5771MP SANYO-LA5771MP Datasheet
68Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
logo
ON Semiconductor
LA5771MP ONSEMI-LA5771MP Datasheet
63Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LA5771MP SANYO-LA5771MP_12 Datasheet
68Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
More results

同様の説明 - LA5771

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5751MP SANYO-LA5751MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5751 SANYO-LA5751 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5771MP SANYO-LA5771MP_12 Datasheet
68Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5752MP SANYO-LA5752MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5753 SANYO-LA5753 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (12V)
LA5753MP SANYO-LA5753MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (12V)
LA5777 SANYO-LA5777 Datasheet
62Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5772 SANYO-LA5772 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5777MP SANYO-LA5777MP Datasheet
125Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5752 SANYO-LA5752 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com