データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA76832N データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LA76832N
部品情報  Monolithic Linear IC I2C Bus Control IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA76832N データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LA76832N Datasheet HTML 6Page - Sanyo Semicon Device LA76832N Datasheet HTML 7Page - Sanyo Semicon Device LA76832N Datasheet HTML 8Page - Sanyo Semicon Device LA76832N Datasheet HTML 9Page - Sanyo Semicon Device LA76832N Datasheet HTML 10Page - Sanyo Semicon Device LA76832N Datasheet HTML 11Page - Sanyo Semicon Device LA76832N Datasheet HTML 12Page - Sanyo Semicon Device LA76832N Datasheet HTML 13Page - Sanyo Semicon Device LA76832N Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
LA76832N
No.0069-10/39
Audio Block Input Signals and Test Conditions
Unless otherwise specified, the following conditions apply when each measurement is made.
1. Bus control condition : AUDIO. MUTE = ”0”, AUDIO. SW = ”1”, VOL. FIL = ”0” , SIF. SYS = ”00”,
IF. AGC. SW = ”1”
2. Input 4.5MHz, 90dB
µ and CW at pin 54.
3. Enter an input signal from pin 51.
Parameter
Symbol
Test
point
Input
signal
Test method
Bus conditions
Maximum gain
AGMAX
1
1kHz, CW
500mVrms
Measure the 1kHz component (V1 : mVrms)
at the pin 1 and calculate as follows :
AGMAX = 20Log (V1/500) [dB]
VOLUME =
"1111111"
Variable range
ARANGE
1
1kHz, CW
500mVrms
Measure the 1kHz component (V2 : mVrms)
at the pin 1 and calculate as follows :
ARANGE = 20Log (V1/V2) [dB]
VOLUME =
"0000000"
Frequency characteristics
AF
1
20kHz, CW
500mVrms
Measure the 20kHz component (V3 : mVrms)
at the pin 1 and calculate as follows :
AF = 20Log (V3/V1) [dB]
VOLUME =
"1111111"
Mute
AMUTE
1
20kHz, CW
500mVrms
Measure the 20kHz component (V4 : mVrms)
at the pin 1 and calculate as follows :
AMUTE = 20Log (V3/V4) [dB]
VOLUME =
"1111111"
AUDIO.MUTE = ”1”
Distortion
ATHD
1
1kHz, CW
500mVrms
Measure the distortion of the 1kHz component at
the pin 1.
VOLUME =
"1111111"
S/N
ASN
1
No signal
Measure the noise level (DIN AUDIO, V5 :
mVrms) at the pin 1 and calculate as follows :
ASN = 20Log (V1/V5) [dB]
VOLUME =
"1111111"
Crosstalk
ACT
1
1kHz, CW
500mVrms
Measure the 1kHz component (V6 : mVrms) at
the pin 1 and calculate as follows :
ACT = 20Log (V1/V6) [dB]
VOLUME =
"1111111"
AUDIO. SW = "0"


同様の部品番号 - LA76832N

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76835NM SANYO-LA76835NM_07 Datasheet
276Kb / 50P
   Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip
More results

同様の説明 - LA76832N

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76843N SANYO-LA76843N_06 Datasheet
146Kb / 3P
   I2C Bus Control IC
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
   I2C Bus Control IC
LA73033M SANYO-LA73033M Datasheet
272Kb / 24P
   Monolithic Linear IC I2C bus control (excluding standby control and RGB through control)
LA5663V SANYO-LA5663V Datasheet
688Kb / 15P
   Monolithic Linear IC Phase Control Voltage Inverter Control IC
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
   Monolithic Linear IC 4ch Switching Regulator Control IC
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
   Monolithic Linear IC For Audio Equipment Control Transceiver IC
logo
Mitsumi Electronics, Co...
MM1495 MITSUMI-MM1495 Datasheet
468Kb / 19P
   I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com