データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11850V データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LB11850V
部品情報  Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11850V データシート(HTML) 3 Page - Sanyo Semicon Device

  LB11850V Datasheet HTML 1Page - Sanyo Semicon Device LB11850V Datasheet HTML 2Page - Sanyo Semicon Device LB11850V Datasheet HTML 3Page - Sanyo Semicon Device LB11850V Datasheet HTML 4Page - Sanyo Semicon Device LB11850V Datasheet HTML 5Page - Sanyo Semicon Device LB11850V Datasheet HTML 6Page - Sanyo Semicon Device LB11850V Datasheet HTML 7Page - Sanyo Semicon Device LB11850V Datasheet HTML 8Page - Sanyo Semicon Device LB11850V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LB11850V
No.A0608-3/14
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Hall input sensitivity
VHN
IN+, IN- difference voltage
(including offset and hysteresis)
±15
±25
mV
FG output L voltage
VFGL
IFG = 5mA
0.15
030
µA
FG pin leak current
IFGL
VFG = 19V
30
µA
RD output L voltage
VRDL
IRD = 5mA
0.15
0.30
V
RD pin leak current
IRDL
VRD = 19V
30
µA
EO pin output H voltage
VEOH
IEO1 = -0.2mA
VREG-1.2
VREG-0.8
V
EO pin output L voltage
VEOL
IEO1 = 0.2mA
0.8
1.1
V
RC pin output H voltage
VRCH
3.2
3.45
3.7
V
RC pin output L voltage
VRCL
0.7
0.8
1.05
V
RC pin clamp voltage
VRCCLP
1.3
1.5
1.7
V
CTL pin input H voltage
VCTLH
2.0
VREG
V
CTL pin input L voltage
VCTLL
0
1.0
V
CTL pin input open voltage
VCTLO
VREG-0.5
VREG
V
CTL pin H input H current
ICTLH
VFGIN = 5VREG
-10
0
10
µA
CTL pin L input L current
ICTLL
VFGIN = 0V
-120
-90
µA
C pin output H voltage
VCH
VREG-0.3
VREG-0.1
V
C pin output L voltage
VCL
1.8
2.0
2.2
V
LIM pin input bias current
IBLIM
-1
1
µA
LIM pin common phase input voltage range
VILIM
2.0
VREG
V
SOFT pin charge current
ICSOFT
1.0
1.3
1.6
µA
SOFT pin operating voltage range
VISOFT
2.0
VREG
V
CVI pin input bias current
IB(VCI)
-1
2
µA
CVI pin common phase input voltage range
VIVCI
2.0
VREG
V
CVO pin output H level voltage
VOH(VCO)
VREG-0.35
VREG-0.2
V
Output L level voltage
VOL(VCO)
1.8
2.0
2.2
V
Package Dimensions
unit : mm (typ)
3175C
SANYO : SSOP24(275mil)
7.8
0.22
0.65
(0.33)
12
13
24
1
0.15
Pd max -- Ta
-30
0
30
60
90
120
95
0
0.2
0.4
0.6
0.8
1.2
1.0
0.9
Ambient temperature, Ta --
°C
Mounted on a specified board:
114.3
×76.1×1.6mm3,glass epoxy


同様の部品番号 - LB11850V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11850VA SANYO-LB11850VA Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
logo
ON Semiconductor
LB11850VA ONSEMI-LB11850VA Datasheet
113Kb / 14P
   For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
May, 2013
LB11850VA ONSEMI-LB11850VA Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11850VA-TLM-E ONSEMI-LB11850VA-TLM-E Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11850VA-TLM-H ONSEMI-LB11850VA-TLM-H Datasheet
113Kb / 14P
   For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
May, 2013
More results

同様の説明 - LB11850V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
LB11850VA SANYO-LB11850VA Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
logo
ON Semiconductor
LB11850VA-TLM-H ONSEMI-LB11850VA-TLM-H Datasheet
113Kb / 14P
   For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV Datasheet
91Kb / 9P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11868V SANYO-LB11868V Datasheet
264Kb / 11P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11970FV SANYO-LB11970FV Datasheet
70Kb / 7P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Driver
LB1862MC SANYO-LB1862MC Datasheet
124Kb / 7P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Driver
logo
ARTSCHIP ELECTRONICS CO...
LB11961 ARTSCHIP-LB11961 Datasheet
111Kb / 6P
   Monolithic Digital IC LB11961-Single-Phase Full-Wave Fan Motor Driver
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com