データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS48D50 データシート(PDF) 2 Page - Teledyne Technologies Incorporated

部品番号 SS48D50
部品情報  Output to 75A, 510 Vac Solid-State Relay with Diagnostic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELEDYNE [Teledyne Technologies Incorporated]
ホームページ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SS48D50 データシート(HTML) 2 Page - Teledyne Technologies Incorporated

  SS48D50 Datasheet HTML 1Page - Teledyne Technologies Incorporated SS48D50 Datasheet HTML 2Page - Teledyne Technologies Incorporated SS48D50 Datasheet HTML 3Page - Teledyne Technologies Incorporated SS48D50 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
SS\052003\Q1
NEW Series SS
Output to 75A, 510 Vac
Solid-State Relay with Diagnostic
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
SS Page 3
SS/052002\Q1
NEW Series SS
Output to 75A, 510 Vac
Solid-State Relay with Diagnostic
Figure 3
Control Voltage (V)
30
25
20
15
10
5
0
0
5
10
15
20
25
30
35
CONTROL CHARACTERISTIC
ELECTRICAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
OUTPUT (LOAD) SPECIFICATIONS
Min
Max
Units
Operating Range
SS24
70
280
Vrms
SS48
150
510
Vrms
Peak Voltage
SS24
600
Vpeak
SS48
1200 Vpeak
Load Current Range
50A output current
.1
50
Arms
75A output current
.1
75
Arms
Maximum Surge Current Rating (Resistive)
50A output current
550
A
75A output current
1000
A
On-State Voltage Drop
50A output current
1.45
V
75A output current
1.35
V
Zero-Cross Window (Typical)
All relays
±14
V
Off-State Leakage Current (60 Hz)
All relays
5
mA
Turn-On Time (60 Hz)
All relays
8.3
ms
Turn-Off Time (60 Hz)
All relays
8.3
ms
Off-State dv/dt
All relays
500
V/µs
Maximum di/dt (Non-Repetitive)
All relays
50
A/µs
OUTPUT (LOAD) SPECIFICATIONS (Continued)
Min
Max
Units
I2t for Match Fusing (<8.3 ms)
50A output current
1500
A2S
75A output current
5000
A2S
Operating Frequency Range
All relays
47
63
Hz
t(s)
0.01
0.1
1
10
600
400
200
0
Non-Repetitive
Repetitive with initial Tj = 70°C
t(s)
0.01
0.1
1
10
1500
1000
500
0
Non-Repetitive
Repetitive with initial Tj = 70°C
SURGE CURRENT
Figure 4a — 50A relays
Figure 4b — 75A relays


同様の部品番号 - SS48D50

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
SS480806 TRIPPLITE-SS480806 Datasheet
162Kb / 4P
   8-Outlet Power Strip with Surge Protection, 6 ft. (1.83 m) Cord, 1650 Joules, 48 in. length
logo
SEC Electronics Inc.
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
SS4825ESOT SECELECTRONICS-SS4825ESOT Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
SS4825EUA SECELECTRONICS-SS4825EUA Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
SS4825KSOT SECELECTRONICS-SS4825KSOT Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
More results

同様の説明 - SS48D50

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
   Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
   Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
logo
Tyco Electronics
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
   Solid State Relay With Paired SCR Output
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
   Solid State Relay With Paired SCR Output
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
   Single Output to 75A 600 Vac
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com