データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD24D50-06 データシート(PDF) 3 Page - Teledyne Technologies Incorporated

部品番号 SD24D50-06
部品情報  Dual Output to 50A 600 Vac DC Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELEDYNE [Teledyne Technologies Incorporated]
ホームページ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SD24D50-06 データシート(HTML) 3 Page - Teledyne Technologies Incorporated

  SD24D50-06 Datasheet HTML 1Page - Teledyne Technologies Incorporated SD24D50-06 Datasheet HTML 2Page - Teledyne Technologies Incorporated SD24D50-06 Datasheet HTML 3Page - Teledyne Technologies Incorporated SD24D50-06 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
SD 3
SD\032003\Q1
Series SD
CONTROL CHARACTERISTICS
Figure 4a — SD24 and SD48D40-06 relays
Figure 4b — SD48D50A relay
Figure 4c — SD48D50A2 relay
Control Voltage (V)
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
2468 10 12 14 16 18 20 22 24 26 28 30
0
Control Voltage (V)
2
4
6
8
10
12
14
16
18
20
0
510
15
20
253035
0
Control Voltage (V)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
510
15
20
253035
0
For each input
OUTPUT (LOAD) SPECIFICATION
Input Type
Min
Max
Units
Operating Range
SD24
R/D
12
280
Vrms
SD48D40-06
24
510
Vrms
SD48D50XX
24
600
Vrms
Peak Voltage
SD24
600
Vpeak
SD48
1200
Vpeak
Load Current Range (Resistive)
SD48D40-06
.005
40
Arms
All other relays
.005
50
Arms
Maximum Surge Current Rating (Non-Repetitive)
SD48D40-06
350
A
All other relays
550
A
On-State Voltage Drop
All relays output current
1.6
V
Zero-Cross Window
SD
R
NA
SD
D/A
±12
Vac
Off-State Leakage Current (60Hz)
SD48D40-06
2.5
mA
All other relays
1
mA
Turn-On Time (60 Hz)
SD24
R
0.1
ms
All other relays
8.3
ms
Turn-Off Time (60 Hz)
All relays
8.3
ms
Off-State dv/dt
All relays
500
V/µs
Maximum di/dt (Non-Repetitive)
All relays
50
A/µs
Operating Frequency Range
All relays
10
440
Hz
OUTPUT (LOAD) SPECIFICATION (Continued)
Input Type
Min
Max
Units
I2t for Match Fusing (<8.3ms)
SD48D40-06
612
A2S
All other relays
1500
A2S


同様の部品番号 - SD24D50-06

メーカー部品番号データシート部品情報
logo
DATEL, Inc.
SD24D5-0.2 DATEL-SD24D5-0.2 Datasheet
165Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt DIP, 짹5 Volts Output
More results

同様の説明 - SD24D50-06

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
E3PT48D12 TELEDYNE-E3PT48D12 Datasheet
135Kb / 4P
   Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
   4A to 600 Vac SIP Package DC Control
LS24D16C TELEDYNE-LS24D16C Datasheet
195Kb / 6P
   30A to 600 Vac SIP Package DC control
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
   Output to 16A 280 Vac DC Control
FS24R10-06 TELEDYNE-FS24R10-06 Datasheet
96Kb / 3P
   Output to 20A 280 Vac DC Control
ST24D12 TELEDYNE-ST24D12 Datasheet
672Kb / 3P
   Output to 50A, 600Vac DC Control Solid-State Relays
04/2018
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com