データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC723781N データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC723781N
部品情報  CMOS IC Electronic tuning system for car audio ETR Microcontrollers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723781N データシート(HTML) 1 Page - Sanyo Semicon Device

  LC723781N Datasheet HTML 1Page - Sanyo Semicon Device LC723781N Datasheet HTML 2Page - Sanyo Semicon Device LC723781N Datasheet HTML 3Page - Sanyo Semicon Device LC723781N Datasheet HTML 4Page - Sanyo Semicon Device LC723781N Datasheet HTML 5Page - Sanyo Semicon Device LC723781N Datasheet HTML 6Page - Sanyo Semicon Device LC723781N Datasheet HTML 7Page - Sanyo Semicon Device LC723781N Datasheet HTML 8Page - Sanyo Semicon Device LC723781N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
92706 / 80505HKIM B8-9065,9068,9069,8420,8219 / 91004JOIM No.8011-1/14
LC723781N
LC723782N
LC723783N
LC723784
LC723785
Overview
The LC723780 Series are large-capacity ETR microcontrollers that can support up to 128KB of ROM and up to 8KB of
RAM. In addition to the expanded table reference instruction to support large-capacity program ROM, the LC723780
Series provide enhanced interrupt capability to directly control CD mechanism and CD-DSP, and the capability to
support the RDS models. They also have a built-in serial I/O port and an 8-input 8-bit A/D converter for communicating
with the internal and external devices, and for minimizing the connecting wire between the front panel board and the
main board, particularly for car audio systems.
The on-chip high-performance PLL circuit provides a high-speed lock circuit used to search for alternative frequencies of
RDS in a short time, the ability to control the C/N characteristics of a local oscillator, and the high S/N through the direct
PLL configuration.
Functions
• ROM
: Up to 64K steps (65,535
×16-bits)
The subroutine area holds 4K steps (4,096
×16-bits)
• RAM
: Up to 16K
×4-bits (In banks 00 through FF)
LC723781N-ROM : 40KB, RAM : 2KB
LC723782N-ROM : 48KB, RAM : 2KB
LC723783N-ROM : 64KB, RAM : 4KB
LC723784-ROM : 96KB, RAM : 6KB
LC723785-ROM : 128KB, RAM : 8KB
• Stack
: 32levels
Ordering number : ENN8011A
CMOS IC
Electronic tuning system for car audio
ETR Microcontrollers
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


同様の部品番号 - LC723781N

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC723732 SANYO-LC723732 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723740 SANYO-LC723740 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723748 SANYO-LC723748 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723756 SANYO-LC723756 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723764 SANYO-LC723764 Datasheet
230Kb / 14P
   ETR Microcontrollers
More results

同様の説明 - LC723781N

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
   Electronic Volume Control System for Car Audio ?
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com