データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS24D16C データシート(PDF) 3 Page - Teledyne Technologies Incorporated

部品番号 LS24D16C
部品情報  30A to 600 Vac SIP Package DC control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELEDYNE [Teledyne Technologies Incorporated]
ホームページ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LS24D16C データシート(HTML) 3 Page - Teledyne Technologies Incorporated

  LS24D16C Datasheet HTML 1Page - Teledyne Technologies Incorporated LS24D16C Datasheet HTML 2Page - Teledyne Technologies Incorporated LS24D16C Datasheet HTML 3Page - Teledyne Technologies Incorporated LS24D16C Datasheet HTML 4Page - Teledyne Technologies Incorporated LS24D16C Datasheet HTML 5Page - Teledyne Technologies Incorporated LS24D16C Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
LS 3
LS\032003\Q2
Series LS
OUTPUT (LOAD) SPECIFICATION (continued)
Min
Max
Unit
Turn-On Time (60Hz)
All relays
8.3
ms
Turn-Off Time (60Hz)
All relays
8.3
ms
Off-State dv/dt
All relays
500
V/
µs
Operating Frequency
All relays
10
440
Hz
I2t for match fusing (<8.3ms)
LS24D16C
128
A2S
LS24D21C
312
A2S
LS60D22C
450
A2S
LS24D27C
1800
A2S
LS60D27C
1800
A2S
LS60D30C
5000
A2S
ENVIRONMENTAL SPECIFICATION
Min
Max
Unit
Operating Temperature
–40
80
°C
Storage Temperature
–40
120
°C
Input-Output Isolation
4000
Vrms
Output-Case Isolation
3300
Vrms
NOTES:
1. MOV across the output recommended for non-resistive loads —
minimum size: 14mm
2. Maximum current based on size of the heat sink and the ambient
temperature.
3. For 800Hz applications, contact factory.
4. For additional/custom options, contact factory.
0.01
0
50
100
150
200
250
0.10
1.00
10.0
t (s)
Non-Repetitive
Repetitive with initial Tj = 70
°C
SURGE CURRENTS
Figure 6b — LS24D21C relay
Figure 6d — LS60D27C, LS24D27C relays
0
100
200
300
400
500
600
700
0.01
0.1
1
t (s)
Non-Repetitive
Temps
60 s
100 s
Long time overload @ Tj init = 45
°C
I (A)
20
15
Repetitive with initial Tj = 70
°C
t (s)
1.00
10.0
100
200
300
0
0.10
0.01
Non-Repetitive
Repetitive with initial Tj = 70
°C
Figure 6c — LS60D22C relay
10
1
0.1
0.01
500
1000
1500
0
t(s)
Non-Repetitive
Repetitive with initial Tj = 70
°C
Figure 6e — LS60D30C relay
t (s)
50
100
150
200
0
1.00
10.0
0.10
0.01
Non-Repetitive
Repetitive with initial Tj = 70
°C
Figure 6a — L24D16C relay


同様の部品番号 - LS24D16C

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
LS24D16C TELEDYNE-LS24D16C Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
LS24D16C-HS1 TELEDYNE-LS24D16C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
More results

同様の説明 - LS24D16C

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
   4A to 600 Vac SIP Package DC Control
logo
Willow Technologies Ltd
AS4 WILLOW-AS4 Datasheet
319Kb / 4P
   5A to 600 Vac SIP Package
logo
Teledyne Technologies I...
DS6R3E TELEDYNE-DS6R3E Datasheet
81Kb / 2P
   3A to 220 Vdc SIP Package DC Control
logo
Willow Technologies Ltd
AS6 WILLOW-AS6 Datasheet
319Kb / 4P
   4A to 460 Vac SIP Package
logo
Teledyne Technologies I...
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
LSN2-T MURATA-LSN2-T Datasheet
1Mb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
logo
Littelfuse
KLKD LITTELFUSE-KLKD_17 Datasheet
623Kb / 7P
   600 Vac/dc
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com