データシートサーチシステム |
|
BD250 データシート(PDF) 5 Page - Power Innovations Ltd |
|
BD250 データシート(HTML) 5 Page - Power Innovations Ltd |
5 / 6 page 5 JUNE 1973 - REVISED MARCH 1997 BD250, BD250A, BD250B, BD250C PNP SILICON POWER TRANSISTORS PRODUCT INFORMATION SOT-93 3-pin plastic flange-mount package This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly. MECHANICAL DATA SOT-93 ALL LINEAR DIMENSIONS IN MILLIMETERS 4,90 4,70 1,37 1,17 0,78 0,50 2,50 TYP. 15,2 14,7 12,2 MAX. 16,2 MAX. 18,0 TYP. 31,0 TYP. 1,30 1,10 11,1 10,8 4,1 4,0 3,95 4,15 1 2 3 NOTE A: The centre pin is in electrical contact with the mounting tab. MDXXAW ø |
同様の部品番号 - BD250 |
|
同様の説明 - BD250 |