データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS0503EJ データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 SS0503EJ
部品情報  Schottky Barrier Diode 30V, 500mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS0503EJ データシート(HTML) 1 Page - Sanyo Semicon Device

  SS0503EJ Datasheet HTML 1Page - Sanyo Semicon Device SS0503EJ Datasheet HTML 2Page - Sanyo Semicon Device SS0503EJ Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS0503EJ
No.8172-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Low switching noise.
Low forward voltage (IF=300mA, VF max=0.4V) (IF=500mA, VF max=0.45V).
Ultraminiature (1608 size) and thin (0.6mm) leadless package.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
IO
500
mA
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=500µA30
V
Forward Voltage
VF1IF=300mA
0.4
V
VF2IF=500mA
0.45
V
Reverse Current
IR
VR=15V
360
µA
Reverse Recovery Time
trr
IF=IR=10mA, See specified Test Circuit.
10
ns
Interterminal Capacitance
C
VR=10V, f=1MHz
16.5
pF
Thermal Resistance
Rth(j-a)
Mounted on a ceramic board (250mm2!0.8mm)
200
°C / W
Marking : DE
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8172
D2404SB TS IM TB-00001038
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SS0503EJ
Schottky Barrier Diode
30V, 500mA Rectifier


同様の部品番号 - SS0503EJ

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
   Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
More results

同様の説明 - SS0503EJ

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XBS053V15 TOREX-XBS053V15 Datasheet
69Kb / 3P
   Schottky Barrier Diode, 500mA, 30V Type
XBS053V15-12 TOREX-XBS053V15-12 Datasheet
92Kb / 3P
   Schottky Barrier Diode, 500mA, 30V Type
XBS053V13-12 TOREX-XBS053V13-12 Datasheet
92Kb / 3P
   Schottky Barrier Diode, 500mA, 30V Type
XB0ASB03A1BR TOREX-XB0ASB03A1BR Datasheet
145Kb / 2P
   SCHOTTKY BARRIER DIODE 500MA 30V TYPE
XBS053V13 TOREX-XBS053V13 Datasheet
70Kb / 3P
   Schottky Barrier Diode, 500mA, 30V Type
XB0ASB03A1BR_001 TOREX-XB0ASB03A1BR_001 Datasheet
115Kb / 4P
   Schottky Barrier Diode 500mA 30V Type
XBS053P11R-G TOREX-XBS053P11R-G Datasheet
241Kb / 5P
   Schottky Barrier Diode, 500mA, 30V Type
XBS053V13 TOREX-XBS053V13_12 Datasheet
92Kb / 3P
   Schottky Barrier Diode, 500mA, 30V Type
XBS053V15 TOREX-XBS053V15_12 Datasheet
92Kb / 3P
   Schottky Barrier Diode, 500mA, 30V Type
logo
Sanyo Semicon Device
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
   Schottky Barrier Diode 15V, 500mA Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com