データシートサーチシステム |
|
BDW94A データシート(PDF) 5 Page - Power Innovations Ltd |
|
BDW94A データシート(HTML) 5 Page - Power Innovations Ltd |
5 / 6 page 5 SEPTEMBER 1993 - REVISED MARCH 1997 BDW94, BDW94A, BDW94B, BDW94C PNP SILICON POWER DARLINGTONS PRODUCT INFORMATION TO-220 3-pin plastic flange-mount package This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly. MECHANICAL DATA TO220 ALL LINEAR DIMENSIONS IN MILLIMETERS ø 1,23 1,32 4,20 4,70 1 2 3 0,97 0,61 see Note C see Note B 10,0 10,4 2,54 2,95 6,0 6,6 14,55 15,90 12,7 14,1 3,5 6,1 1,07 1,70 2,34 2,74 4,88 5,28 3,71 3,96 0,41 0,64 2,40 2,90 VERSION 2 VERSION 1 NOTES: A. The centre pin is in electrical contact with the mounting tab. B. Mounting tab corner profile according to package version. C. Typical fixing hole centre stand off height according to package version. Version 1, 18.0 mm. Version 2, 17.6 mm. MDXXBE |
同様の部品番号 - BDW94A |
|
同様の説明 - BDW94A |