データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3401 データシート(PDF) 5 Page - Silicon Laboratories

部品番号 SI3401
部品情報  FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3401 データシート(HTML) 5 Page - Silicon Laboratories

  SI3401 Datasheet HTML 1Page - Silicon Laboratories SI3401 Datasheet HTML 2Page - Silicon Laboratories SI3401 Datasheet HTML 3Page - Silicon Laboratories SI3401 Datasheet HTML 4Page - Silicon Laboratories SI3401 Datasheet HTML 5Page - Silicon Laboratories SI3401 Datasheet HTML 6Page - Silicon Laboratories SI3401 Datasheet HTML 7Page - Silicon Laboratories SI3401 Datasheet HTML 8Page - Silicon Laboratories SI3401 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Si3400/Si3401
Rev. 0.9
5
Table 2. Absolute Maximum Ratings (Transient)1
Transient surge defined in IEC60060 as a 1000 V impulse of either polarity applied across CT1–CT2 or SP1–SP2. The shape of
the impulse shall have a 300 ns full rise time and a 50 µs half fall time, with 201
Ω source impedance.
Type
Description
Rating
Unit
Voltage
CT1 to CT2
–82 to 82
V
SP1 to SP2
–82 to 82
VPOS2
–0.7 to 80
HSO
–0.7 to 80
VSS1, VSS2, or VSSA
–0.7 to 80
SWO
–0.7 to 80
PLOSS to VPOS2
–80 to 0.7
RDET
–0.7 to 80
Current
CT1, CT2, SP1, SP2
–5 to 5
A
VPOS2
–5 to 5
ESD3
HBM, all pins
–2 to 2
kV
Notes:
1. Unless otherwise noted, all voltages referenced to VNEG. Permanent device damage may occur if the maximum ratings
are exceeded. Functional operation should be restricted to those conditions specified in the operational sections of this
data sheet. Exposure to absolute maximum rating conditions for extended periods may adversely affect device
reliability.
2. VPOS is equal to VPOSF and VPOSS tied together for test condition purposes.
3. For more information regarding system-level ESD tolerance, refer to “AN315: Robust Electrical Surge Immunity for PoE
PDs through Integrated Protection”.
Table 3. Recommended Operating Conditions
Description
Symbol
Min
Typ
Max
Units
|CT1 – CT2| or |SP1 – SP2|
VPORT
2.8
57
V
Ambient Operating Temperature
TA
–40
25
85
°C
Note: Unless otherwise noted, all voltages referenced to VNEG. All minimum and maximum specifications are guaranteed
and apply across the recommended operating conditions. Typical values apply at nominal supply voltage and ambient
temperature unless otherwise noted.


同様の部品番号 - SI3401

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI3401 SILABS-SI3401 Datasheet
458Kb / 20P
   Support non-isolated and isolated switching topologies Comprehensive protection circuitry
SI3401-X-GM SILABS-SI3401-X-GM Datasheet
458Kb / 20P
   Support non-isolated and isolated switching topologies Comprehensive protection circuitry
More results

同様の説明 - SI3401

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI3400-GM ETC2-SI3400-GM Datasheet
458Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
Silicon Laboratories
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3404 SKYWORKS-SI3404 Datasheet
474Kb / 26P
   Fully-Integrated IEEE 802.3 Type 1-Compliant POE PD Interface and High-Efficiency Switching Regulator with Compact Footprint
Revision 0.5 February, 2018
SI3406X SKYWORKS-SI3406X Datasheet
920Kb / 37P
   Fully-Integrated IEEE 802.3-Compliant POE PD Interface and High-Efficiency Switching Regulators with Sleep, Wake, and LED Drive
Revision 1.1 July, 2022
logo
Linear Technology
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com