データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5325A-B-GM データシート(PDF) 8 Page - Silicon Laboratories

部品番号 SI5325A-B-GM
部品情報  UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5325A-B-GM データシート(HTML) 8 Page - Silicon Laboratories

Back Button SI5325A-B-GM Datasheet HTML 4Page - Silicon Laboratories SI5325A-B-GM Datasheet HTML 5Page - Silicon Laboratories SI5325A-B-GM Datasheet HTML 6Page - Silicon Laboratories SI5325A-B-GM Datasheet HTML 7Page - Silicon Laboratories SI5325A-B-GM Datasheet HTML 8Page - Silicon Laboratories SI5325A-B-GM Datasheet HTML 9Page - Silicon Laboratories SI5325A-B-GM Datasheet HTML 10Page - Silicon Laboratories SI5325A-B-GM Datasheet HTML 11Page - Silicon Laboratories SI5325A-B-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Si5325
8
Preliminary Rev. 0.26
22
SCL
I
LVCMOS
Serial Clock/Serial Clock.
This pin functions as the serial clock input for both SPI and
I2C modes.
23
SDA_SDO
I/O
LVCMOS
Serial Data.
In I2C control mode (CMODE = 0), this pin functions as the
bidirectional serial data port.
In SPI control mode (CMODE = 1), this pin functions as the
serial data output.
25
24
A1
A0
ILVCMOS
Serial Port Address.
In I2C control mode (CMODE = 0), these pins function as
hardware controlled address bits.
In SPI control mode (CMODE = 1), these pins are ignored.
26
A2_SS
ILVCMOS
Serial Port Address/Slave Select.
In I2C control mode (CMODE = 0), this pin functions as a
hardware controlled address bit.
In SPI control mode (CMODE = 1), this pin functions as the
slave select input.
27
SDI
I
LVCMOS
Serial Data In.
In I2C control mode (CMODE = 0), this pin is ignored.
In SPI control mode (CMODE = 1), this pin functions as the
serial data input.
29
28
CKOUT1–
CKOUT1+
OMulti
Output Clock 1.
Differential output clock with a frequency range of 10 MHz to
1.4175 GHz. Output signal format is selected by
SFOUT1_REG register bits. Output is differential for
LVPECL, LVDS, and CML compatible modes. For CMOS for-
mat, both output pins drive identical single-ended clock out-
puts.
34
35
CKOUT2–
CKOUT2+
OMulti
Output Clock 2.
Differential output clock with a frequency range of 10 MHz to
1.4175 GHz. Output signal format is selected by
SFOUT2_REG register bits. Output is differential for
LVPECL, LVDS, and CML compatible modes. For CMOS for-
mat, both output pins drive identical single-ended clock out-
puts.
36
CMODE
I
LVCMOS
Control Mode.
Selects I2C or SPI control mode for the Si5325.
0 = I2C Control Mode.
1 = SPI Control Mode.
GND PAD
GND
GND
Supply
Ground Pad.
The ground pad must provide a low thermal and electrical
impedance to a ground plane.
Table 3. Si5325 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
Note: Internal register names are indicated by underlined italics, e.g. INT_PIN. See Si5325 Register Map.


同様の部品番号 - SI5325A-B-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si5325 SILABS-Si5325 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
Si5325/26-EVB SILABS-Si5325/26-EVB Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5325/26-EVB SKYWORKS-SI5325/26-EVB Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

同様の説明 - SI5325A-B-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5367 SILABS-SI5367 Datasheet
253Kb / 18P
   關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com