データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5365-B-GQ データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI5365-B-GQ
部品情報  PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5365-B-GQ データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI5365-B-GQ Datasheet HTML 2Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 3Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 4Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 5Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 9Page - Silicon Laboratories SI5365-B-GQ Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Si5365
6
Preliminary Rev. 0.34
1. Functional Description
The Si5365 is a low jitter, precision clock multiplier for
high-speed communication systems, including SONET
OC-48/OC-192, Ethernet, and Fibre Channel, in which
the application requires clock multiplication without jitter
attenuation. The Si5365 accepts four clock inputs
ranging from 19.44 to 707 MHz and generates five
frequency-multiplied clock outputs ranging from 19.44 to
1050 MHz. By default the four clock inputs are at the
same frequency and the five clock outputs are at the
same frequency. Two of the output clocks can be
divided down further to generate an integer sub-multiple
frequency. The input clock frequency and clock
multiplication ratio are selectable from a table of popular
SONET, Ethernet, and Fibre Channel rates. In addition
to providing clock multiplication in SONET and datacom
applications, the Si5365 supports SONET-to-datacom
frequency translations. Silicon Laboratories offers a PC-
based software utility, DSPLLsim, that can be used to
look up valid Si5365 frequency translations. This utility
can be downloaded from www.silabs.com/timing. This
information is also available in the Any-Rate Precision
Clock Family Reference Manual, also available from
www.silabs.com/timing.
The Si5365 is based on Silicon Laboratories' 3rd-
generation DSPLL® technology, which provides any-
rate frequency synthesis in a highly integrated PLL
solution that eliminates the need for external VCXO and
loop filter components. The Si5365 PLL loop bandwidth
is digitally programmable via the BWSEL[1:0] pins and
supports a range from 30 kHz to 1.3 MHz. The
DSPLLsim software utility can be used to calculate valid
loop bandwidth settings for a given input clock
frequency/clock multiplication ratio.
The Si5365 monitors all input clocks for loss-of-signal
and provides a LOS alarm when it detects a missing
clock.
In the case when the input clocks enter alarm
conditions, the PLL will freeze the DCO output
frequency near its last value to maintain operation with
an internal state close to the last valid operating state.
The Si5365 has five differential clock outputs. The
signal format of the clock outputs is programmable to
support LVPECL, LVDS, CML, or CMOS loads. If not
required, unused clock outputs can be powered down to
minimize power consumption. The phase difference
between the selected input clock and the output clocks
is adjustable in 200 ps increments for system skew
control. For system-level debugging, a bypass mode is
available which drives the output clock directly from the
input clock, bypassing the internal DSPLL. The device is
powered by a single 1.8 or 2.5 V supply.
1.1. Further Documentation
Consult the Silicon Laboratories Any-Rate Precision
Clock Family Reference Manual (FRM) for more
detailed information about the Si5365. The FRM can be
downloaded from www.silabs.com/timing.
Silicon Laboratories has developed a PC-based
software utility called DSPLLsim to simplify device
configuration, including frequency planning and loop
bandwidth selection. This utility can be downloaded
from www.silabs.com/timing.


同様の部品番号 - SI5365-B-GQ

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI5365-C-GQ SKYWORKS-SI5365-C-GQ Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
More results

同様の説明 - SI5365-B-GQ

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5367 SILABS-SI5367 Datasheet
253Kb / 18P
   關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com