データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5367A-B-GQ データシート(PDF) 8 Page - Silicon Laboratories

部品番号 SI5367A-B-GQ
部品情報  關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5367A-B-GQ データシート(HTML) 8 Page - Silicon Laboratories

Back Button SI5367A-B-GQ Datasheet HTML 4Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 5Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 9Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 10Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 11Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Si5367
8
Preliminary Rev. 0.3
5, 6, 15, 27, 32,
42, 62, 63, 76,
79, 81, 84, 86,
89, 91, 94, 96,
99, 100
VDD
Vdd
Supply
VDD.
The device operates from a 1.8 or 2.5 V supply. Bypass
capacitors should be associated with the following VDD
pins:
Pins
Bypass Cap
5, 6
0.1 µF
15
0.1 µF
27
0.1 µF
62, 63
0.1 µF
76, 79
1.0 µF
81, 84
0.1 µF
86, 89
0.1 µF
91, 94
0.1 µF
96, 99, 100
0.1 µF
7, 8, 14, 16, 18,
19, 21, 26, 28,
31, 33, 36, 38,
41, 43, 46, 64,
65
GND
GND
Supply
Ground.
This pin must be connected to system ground. Minimize
the ground path impedance for optimal performance.
9C1B
O
LVCMOS
CKIN1 Invalid Indicator.
This pin performs the CK1_BAD function if
CK1_BAD_PIN = 1 and is tristated if CK1_BAD_PIN =0.
Active polarity is controlled by CK_BAD_POL.
0 = No alarm on CKIN1.
1 = Alarm on CKIN1.
10
C2B
O
LVCMOS
CKIN2 Invalid Indicator.
This pin performs the CK2_BAD function if
CK2_BAD_PIN = 1 and is tristated if CK2_BAD_PIN =0.
Active polarity is controlled by CK_BAD_POL.
0 = No alarm on CKIN2.
1 = Alarm on CKIN2.
11
C3B
O
LVCMOS
CKIN3 Invalid Indicator.
This pin performs the CK3_BAD function if
CK3_BAD_PIN = 1 and is tristated if CK3_BAD_PIN =0.
Active polarity is controlled by CK_BAD_POL.
0 = No alarm on CKIN3.
1 = Alarm on CKIN3.
Table 3. Si5367 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
Note: Internal register names are indicated by underlined italics, e.g. INT_PIN. See Si5368 Register Map.


同様の部品番号 - SI5367A-B-GQ

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si5367 SILABS-Si5367 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5367 SKYWORKS-SI5367 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results

同様の説明 - SI5367A-B-GQ

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com