データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI8435 データシート(PDF) 1 Page - Silicon Laboratories

部品番号 SI8435
部品情報  TRIPLE-CHANNEL DIGITAL ISOLATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8435 データシート(HTML) 1 Page - Silicon Laboratories

  SI8435 Datasheet HTML 1Page - Silicon Laboratories SI8435 Datasheet HTML 2Page - Silicon Laboratories SI8435 Datasheet HTML 3Page - Silicon Laboratories SI8435 Datasheet HTML 4Page - Silicon Laboratories SI8435 Datasheet HTML 5Page - Silicon Laboratories SI8435 Datasheet HTML 6Page - Silicon Laboratories SI8435 Datasheet HTML 7Page - Silicon Laboratories SI8435 Datasheet HTML 8Page - Silicon Laboratories SI8435 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Rev. 0.3 8/07
Copyright © 2007 by Silicon Laboratories
Si8430/31/35
Si8430/31/35
TRIPLE-CHANNEL DIGITAL ISOLATOR
Features
Applications
Safety Regulatory Approvals
Description
Silicon Lab's family of digital isolators are CMOS devices that employ
an RF coupler to transmit digital information across an isolation
barrier. Very high speed operation at low power levels is achieved.
These parts are available in a 16-pin wide body SOIC package. Three
speed grade options (1, 10, 150 Mbps) are available and achieve
typical propagation delay of less than 10 ns.
Block Diagram
High-speed operation:
DC – 150 Mbps
Low propagation delay:
<10 ns
Wide Operating Supply Voltage:
2.375-5.5V
Low power: I1 + I2 <
12 mA/channel at 100 Mbps
Precise timing:
2 ns pulse width distortion
1 ns channel-channel matching
2 ns pulse width skew
2500 VRMS isolation
Transient Immunity: >25 kV/µs
Tri-state outputs with ENABLE
control
DC correct
No start-up initialization required
<10 µs Startup Time
High temperature operation:
125 °C at 100 Mbps
100 °C at 150 Mbps
Wide body SOIC-16 package
Isolated switch mode supplies
Isolated ADC, DAC
Motor control
Power factor correction systems
UL recognition:2500 VRMS for 1
Minute per UL1577
CSA component acceptance
notice
VDE certification conformity
IEC 60747-5-2
(VDE0884 Part 2)
Si8431
B1
A1
A3
A2
B3
B2
Si8430/35
A1
A3
A2
B3
B2
B1
NC
EN1
EN2/NC
EN2
Pin Assignments
Wide Body SOIC
V
DD1
GND1
A1
A3
NC
EN1/NC
GND1
A2
1
2
3
4
5
6
7
8
Top View
V
DD2
GND2
B2
B1
NC
B3
GND2
EN2/NC
9
12
11
10
13
14
15
16


同様の部品番号 - SI8435

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI8435 SILABS-SI8435 Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Skyworks Solutions Inc.
SI8435 SKYWORKS-SI8435 Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI8435BB-C-IS SILABS-SI8435BB-C-IS Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Skyworks Solutions Inc.
SI8435BB-C-IS SKYWORKS-SI8435BB-C-IS Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI8435BB-C-IS1 SILABS-SI8435BB-C-IS1 Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
More results

同様の説明 - SI8435

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
IK Semicon Co., Ltd
ILX488-3 IKSEMICON-ILX488-3 Datasheet
784Kb / 19P
   Low-Power Triple-Channel Digital Isolator
logo
Texas Instruments
ISO7731B TI1-ISO7731B Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Basic Insulation Triple-Channel Digital Isolator
logo
Analog Devices
ADUM1310 AD-ADUM1310 Datasheet
377Kb / 16P
   Triple-Channel Digital Isolator with Programmable Default Output
Rev. E
logo
Texas Instruments
ISO6731 TI-ISO6731 Datasheet
1Mb / 35P
[Old version datasheet]   ISO6731 General-Purpose Triple-Channel Digital Isolator with Robust EMC
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
   Dual channel digital isolator
Rev 2 - January 2023
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com