データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMP1340 データシート(PDF) 3 Page - Skyworks Solutions Inc.

部品番号 SMP1340
部品情報  Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1340 データシート(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1340 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1340 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1340 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1340 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1340 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATA SHEET • SMP1340 SERIES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200051 Rev. A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • February 23, 2006
3
Series Resistance vs. Current @ 100 MHz
0.01
0.1
1
10
100
Forward Current (mA)
0.1
1
10
100
Capacitance vs. Reverse Voltage
0.10
0.20
0.15
0.25
0.30
Reverse Voltage (V)
0
5
10
15
25
35
20
30
40
1 MHz–1 GHz
0.6
0.7
0.8
0.9
1.0
DC Characteristic
0.01
0.1
1
10
100
Forward Voltage (mV)
0
500
1000
1500
2000
Conductance vs. Frequency and Reverse Voltage
Frequency (MHz)
0 V
40 V
10 V
-50
50
0
100
150
200
250
350
300
Typical Performance Data
RRR
RR
R
R
IF
-55 °C
-40 °C
-15 °C
25 °C
65 °C
85 °C
100 °C
(mA)
(
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
9.92
9.68
9.3
8.95
8.95
9.01
9.12
0.1
3.9
3.86
3.79
3.8
3.85
3.94
4.03
0.3
2.32
2.33
2.3
2.33
2.35
2.43
2.49
0.5
1.91
1.93
1.9
1.92
1.92
1.99
2.05
1
1.54
1.55
1.52
1.53
1.5
1.56
1.61
10
0.95
0.96
0.91
0.9
0.82
0.85
0.89
20
0.86
0.87
0.82
0.81
0.73
0.75
0.79
100
0.72
0.73
0.7
0.68
0.59
0.62
0.65
Resistance vs. Temperature @ 500 MHz
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


同様の部品番号 - SMP1340

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
SMP1340-001 ALPHA-SMP1340-001 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
SMP1340-003 ALPHA-SMP1340-003 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1340-003 SKYWORKS-SMP1340-003 Datasheet
744Kb / 8P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1340-003LF SKYWORKS-SMP1340-003LF Datasheet
744Kb / 8P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
More results

同様の説明 - SMP1340

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1340 SKYWORKS-SMP1340_15 Datasheet
744Kb / 8P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com