データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1142-011 データシート(PDF) 2 Page - Skyworks Solutions Inc.

部品番号 SMV1142-011
部品情報  Hyperabrupt Junction Tuning Varactors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SKYWORKS [Skyworks Solutions Inc.]
ホームページ  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1142-011 データシート(HTML) 2 Page - Skyworks Solutions Inc.

  SMV1142-011 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1142-011 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1142-011 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1142-011 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1142-011 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1142-011 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
February 23, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200056 Rev. E
DATA SHEET • SMV1142–SMV1148
2
Single
Single
SC-79
SOD-323
SMV1142-011
Marking: BU
SMV1142-011LF
Marking: GU
SMV1143-011
Marking: BV
SMV1143-011LF
Marking: GV
SMV1144-011
Marking: BW
SMV1144-011LF
Marking: GW
SMV1145-079
SMV1145-011
Marking: Cathode
Marking: BA
SMV1145-079LF
SMV1145-011LF
Marking: Cathode
Marking: GA
SMV1147-079
SMV1147-011
Marking: Cathode
Marking: BY
SMV1147-079LF
SMV1147-011LF
Marking: Cathode
Marking: GY
SMV1148-011
Marking: BZ
SMV1148-011LF
Marking: GZ
LS = 0.7 nH
LS = 1.5 nH
CT
CT
CT @ 1 V
CT @ 1 V
RS @ 3 V
Q
Part
CT @ 1 V
@ 3 V
@ 6 V
CT @ 3 V
CT @ 6 V
500 MHz
@ 3 V
Number
(pF)
(pF)
(pF)
(Ratio)
(Ratio)
(
Ω
Ω)
50 MHz
Min.
Max.
Typ.
Typ.
Min.
Max.
Min.
Max.
Max.
Typ.
SMV1142
8.2
10
5.8
3.5
1.5
1.65
2.43
2.93
0.7
800
SMV1143
11.60
14.20
8.2
4.9
1.5
1.65
2.45
2.95
0.65
600
SMV1144
14.65
17.95
10.4
6.1
1.5
1.65
2.46
2.96
0.65
500
SMV1145
25.5
31.2
18.1
10.6
1.5
1.65
2.5
3
0.6
300
SMV1147
54.6
66.7
38.6
22.6
1.5
1.65
2.5
3
0.55
150
SMV1148
62
76
44.1
25.2
1.5
1.65
2.5
3
0.5
150
Electrical Specifications at 25 °C
Reverse Voltage VR (IR = 10
μA): 12 V minimum.
Reverse Current IR (VR = 9.6 V): 20 nA maximum.
LF denotes lead (Pb)-free, RoHS-compliant packaging option as an alternative
to our standard tin/lead (Sn/Pb) packaging.


同様の部品番号 - SMV1142-011

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMV1142-011 ALPHA-SMV1142-011 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1142-011LF SKYWORKS-SMV1142-011LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

同様の説明 - SMV1142-011

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com