データシートサーチシステム |
|
SI533HA00100DG データシート(PDF) 9 Page - Silicon Laboratories |
|
SI533HA00100DG データシート(HTML) 9 Page - Silicon Laboratories |
9 / 12 page Si533 Rev. 1.1 9 5. Si533 Mark Specification Figure 3 illustrates the mark specification for the Si533. Table 10 lists the line information. Figure 3. Mark Specification Table 10. Si53x Top Mark Description Line Position Description 1 1–10 “SiLabs”+ Part Family Number, 5xx (First 3 characters in part number) 2 1–10 Si530, Si531: Option1 + Option2 + Freq(7) + Temp Si532, Si533, Si534, Si530/Si531 w/ 8-digit resolution: Option1 + Option2 + ConfigNum(6) + Temp 3 Trace Code Position 1 Pin 1 orientation mark (dot) Position 2 Product Revision (D) Position 3–6 Tiny Trace Code (4 alphanumeric characters per assembly release instructions) Position 7 Year (least significant year digit), to be assigned by assembly site (ex: 2007 = 7) Position 8–9 Calendar Work Week number (1–53), to be assigned by assembly site Position 10 “+” to indicate Pb-Free and RoHS-compliant SiLabs 123 12 3 4 5 6 R T T T T Y WW+ 1234567890 |
同様の部品番号 - SI533HA00100DG |
|
同様の説明 - SI533HA00100DG |