データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI533KC00100DG データシート(PDF) 7 Page - Silicon Laboratories

部品番号 SI533KC00100DG
部品情報  DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI533KC00100DG データシート(HTML) 7 Page - Silicon Laboratories

Back Button SI533KC00100DG Datasheet HTML 3Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 4Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 5Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 6Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 7Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 8Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 9Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 10Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Si533
Rev. 1.1
7
3. Ordering Information
The Si533 XO supports a variety of options including frequency, temperature stability, output format, and VDD.
Specific device configurations are programmed into the Si533 at time of shipment. Configurations can be specified
using the Part Number Configuration chart below. Silicon Laboratories provides a web browser-based part number
configuration utility to simplify this process. Refer to www.silabs.com/VCXOPartNumber to access this tool and for
further ordering instructions. The Si533 is supplied in an industry-standard, RoHS compliant, 6-pad, 5 x 7 mm
package. The Si533 supports output enable (OE) on pin 1.
Figure 1. Part Number Convention
Example Part Number: 533AB000108DGR is a 5x7mm Dual XO in a 6 pad package. Since the six digit code (000108) is > 000100,
f0 is 644.53125 MHz (lower frequency) and f1 is 693.48299 (higher frequency), with a 3.3V supply and LVPECL output. Temperature
stability is specified as ± 20 ppm. The part is specified for a -40 to +85 C° ambient temperature range operation and is shipped in tape
and reel format.
R = Tape & Reel
Blank = Trays
Operating Temp Range (°C)
G
–40 to +85 °C
Device Revision Letter
533 Dual XO
Product Family
6-digit Frequency Designator Code
Two unique frequencies can be specified within the following bands
of frequencies: 10 to 945 MHz, 970 to 1134 MHz, and 1213 to 1417
MHz. A six digit code will be assigned for the specified
combination of frequencies. Codes > 000100 refer to dual XOs
programmed with the lower frequency value selected when FS = 0,
and the higher value when FS = 1. Six digit codes < 000100 refer to
dual XOs programmed with the higher frequency value selected
when FS = 0, and the lower value when FS = 1.
533
X
X
XXXXXX
D
G
R
1st Option Code
VDD Output Format Output Enable Polarity
A
3.3
LVPECL
High
B
3.3
LVDS
High
C
3.3
CMOS
High
D3.3
CML
High
E
2.5
LVPECL
High
F
2.5
LVDS
High
G
2.5
CMOS
High
H2.5
CML
High
J
1.8
CMOS
High
K1.8
CML
High
M
3.3
LVPECL
Low
N
3.3
LVDS
Low
P3.3
CMOS
Low
Q3.3
CML
Low
R
2.5
LVPECL
Low
S
2.5
LVDS
Low
T2.5
CMOS
Low
U2.5
CML
Low
V1.8
CMOS
Low
W1.8
CML
Low
Note:
CMOS available to 160 MHz.
2nd Option Code
Code Temperature Stability (ppm, max, ±) Total Stablility (ppm, max, ±)
A
50
61.5
B
20
31.5
C
7
20


同様の部品番号 - SI533KC00100DG

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si533 SILABS-Si533 Datasheet
170Kb / 2P
   Silicon Labs is pleased to announce rev 1.2 for the Si530
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI5330 SILABS-SI5330 Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Silicon Laboratories
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
More results

同様の説明 - SI533KC00100DG

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com