データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33076 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC33076
部品情報  Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076 データシート(HTML) 5 Page - ON Semiconductor

  MC33076_1 Datasheet HTML 1Page - ON Semiconductor MC33076_1 Datasheet HTML 2Page - ON Semiconductor MC33076_1 Datasheet HTML 3Page - ON Semiconductor MC33076_1 Datasheet HTML 4Page - ON Semiconductor MC33076_1 Datasheet HTML 5Page - ON Semiconductor MC33076_1 Datasheet HTML 6Page - ON Semiconductor MC33076_1 Datasheet HTML 7Page - ON Semiconductor MC33076_1 Datasheet HTML 8Page - ON Semiconductor MC33076_1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33076
http://onsemi.com
5
Figure 8. Output Voltage Swing
versus Supply Voltage
VCC, |VEE|, SUPPLY VOLTAGE (V)
Figure 9. Maximum Peak–to–Peak Output
Voltage Swing versus Load Resistance
RL, LOAD RESISTANCE TO GROUND (Ω)
Figure 10. Output Voltage
versus Frequency
f, FREQUENCY (Hz)
Figure 11. Common Mode Rejection
versus Frequency Over Temperature
f, FREQUENCY (Hz)
Figure 12. Power Supply Rejection
versus Frequency Over Temperature
Figure 13. Output Short Circuit Current
versus Output Voltage
|VO|, OUTPUT VOLTAGE (V)
f, FREQUENCY (Hz)
15
40
35
30
25
20
15
10
5.0
0
25
20
15
10
5.0
0
30
25
20
15
10
5.0
0
100
80
60
40
20
0
100
80
60
40
20
0
300
250
200
150
100
50
RL = 100 Ω
RL = 10 kΩ
TA = 25°C
100
1.0 k
10 k
100 k
1.0 M
10
0
5.0
10
15
20
25
10
100
1.0 k
10 k
100
1.0 k
10 k
100 k
1.0 M
100
1.0 k
10 k
100 k
1.0 M
10
10 M
0
3.0
6.0
9.0
12
0
VS = ±15 V
VS = ±5.0 V
TA = 25°C
f = 1.0 kHz
VCC = +15 V
VEE = -15 V
RL = 100 Ω
AV = +1.0
THD = ≤ 1.0%
TA = 25°C
VCC = +15 V
VEE = -15 V
VCM = 0 V
∆VCM = ±1.5 V
TA = -55° to +125°C
+PSR
-PSR
VCC = +15 V
VEE = -15 V
∆VCC = ±1.5 V
TA = -55° to +125°C
Source
Sink
VCC = +15 V
VEE = -15 V
VID = ±1.0 V


同様の部品番号 - MC33076_1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33076P1 ONSEMI-MC33076P1 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
More results

同様の説明 - MC33076_1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
[Old version datasheet]   LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
LMV712-N TI1-LMV712-N_16 Datasheet
1Mb / 24P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
   LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
logo
Texas Instruments
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
KEC(Korea Electronics)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com